Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 134 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 134 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 130Page - Advanced Micro Devices AM79C970 Datasheet HTML 131Page - Advanced Micro Devices AM79C970 Datasheet HTML 132Page - Advanced Micro Devices AM79C970 Datasheet HTML 133Page - Advanced Micro Devices AM79C970 Datasheet HTML 134Page - Advanced Micro Devices AM79C970 Datasheet HTML 135Page - Advanced Micro Devices AM79C970 Datasheet HTML 136Page - Advanced Micro Devices AM79C970 Datasheet HTML 137Page - Advanced Micro Devices AM79C970 Datasheet HTML 138Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 168 page
background image
P R E L I M I N A R Y
AMD
1-1001
Am79C970
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature
Under Bias
–65
°C to +125°C
. . . . . . . . . . . . . . . . . . .
Supply Voltage to AVSS or VSSB
(AVDD, VDD, VDDB)
–0.3 V to +6.0 V
. . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to absolute maxi-
mum ratings for extended periods may affect device reliability.
OPERATING RANGES
Temperature (TA)0
°C to +70°C
. . . . . . . . . . . . . . . . .
Supply Voltages
(AVDD, VDD, VDDB)
+5 V
± 5%
. . . . . . . . . . . . . . . . . . . .
All Inputs within the Range:
AVSS – 0.5 V
≤ VIN ≤ AVDD + 0.5 V,
or VSS – 0.5 V
≤ VIN ≤ VDD + 0.5 V,
or VSSB – 0.5 V
≤ VIN ≤ VDDB + 0.5 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise
specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Digital Input Voltage
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
Digital Output Voltage
VOL
Output LOW Voltage
IOL1 = 3 mA
0.55
V
IOL2 = 6 mA
IOL3 = 12 mA
0.4
V
(Note 1)
VOH
Output HIGH Voltage (Note 2)
IOH = –2 mA (Note 5)
2.4
V
Digital Input Leakage Current
IIL
Input Low Leakage Current (Note 3)
VIN = 0
10
µA
IIH
Input High Leakage Current (Note 3)
VIN = VDD, VDDB
–10
µA
Digital Output Leakage Current
IOZL
Output Low Leakage Current (Note 4)
VOUT = 0.4 V
–10
µA
IOZH
Output High Leakage Current (Note 4)
VOUT = VDD, VDDB
10
µA
Crystal Input Current
VILX
XTAL1 Input LOW Voltage Threshold
VIN = External Clock
–0.5
0.8
V
VIHX
XTAL1 Input HIGH Voltage Threshold
VIN = External Clock
VDD – 0.8 VDD + 0.5
V
IILX
XTAL1 Input LOW Current
VIN = External Clock
Active
–120
0
µA
VIN = VSS
Sleep
–10
+10
µA
IIHX
XTAL1 Input HIGH Current
VIN = External Clock
Active
0
120
µA
VIN = VDD
Sleep
400
µA
Attachment Unit Interface (AUI)
IIAXD
Input Current at DI+ and DI–
–1 V < VIN < AVDD+0.5V
–500
+500
µA
IIAXC
Input Current at CI+ and CI–
–1 V < VIN < AVDD+0.5V
–500
+500
µA
VAOD
Differential Output Voltage |(DO+)–(DO–)|
RL = 78
Ω
630
1200
mV
VAODOFF
Transmit Differential Output Idle Voltage
RL = 78
Ω (Note 9)
–40
40
mV
IAODOFF
Transmit Differential Output Idle Current
RL = 78
Ω (Note 8)
–1
1
mA
VCMT
Transmit Output Common Mode Voltage
RL = 78
Ω
2.5
AVDD
V
VODI
DO
± Transmit Differential Output
RL = 78
Ω (Note 7)
25
mV
Voltage Imbalance
VATH
Receive Data Differential Input Threshold
–35
35
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com