Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 135 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 135 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 131Page - Advanced Micro Devices AM79C970 Datasheet HTML 132Page - Advanced Micro Devices AM79C970 Datasheet HTML 133Page - Advanced Micro Devices AM79C970 Datasheet HTML 134Page - Advanced Micro Devices AM79C970 Datasheet HTML 135Page - Advanced Micro Devices AM79C970 Datasheet HTML 136Page - Advanced Micro Devices AM79C970 Datasheet HTML 137Page - Advanced Micro Devices AM79C970 Datasheet HTML 138Page - Advanced Micro Devices AM79C970 Datasheet HTML 139Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 168 page
background image
AMD
P R E L I M I N A R Y
1-1002
Am79C970
DC CHARACTERISTICS (continued)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VASQ
DI
± and CI± Differential Input Threshold
–275
–160
mV
(Squelch)
VIRDVD
DI
± and CI± Differential Mode Input
–1.5
1.5
V
Voltage Range
VICM
DI
± and CI± Input Bias Voltage
IIN = 0 mA
AVDD–3.0 AVDD–1.0
V
VOPD
DO
± Undershoot Voltage at ZERO
(Note 9)
–100
mV
Differential on Transmit Return to
ZERO (ETD)
Twisted Pair Interface (10BASE–T)
IIRXD
Input Current at RXD
±
AVDD < VIN < AVDD
–500
500
µA
RRXD
RXD
± Differential Input Resistance
10
K
Ω
VTIVB
RXD
±, RXD– Open Circuit Input
IIN = 0 mA
AVDD–3.0 AVDD–1.5
V
Voltage (Bias)
VTIDV
Differential Mode Input Voltage
AVDD = 5.0 V
–3.1
3.1
V
Range (RXD
±)
VTSQ+
RXD Positive Squelch Threshold (peak)
Sinusoid, 5 MHz
≤ f ≤ 10 MHz
300
520
mV
VTSQ-
RXD Negative Squelch Threshold (peak)
Sinusoid, 5 MHz
≤ f ≤ 10 MHz
–520
–300
mV
VTHS+
RXD Post–squelch Positive Threshold
Sinusoid, 5 MHz
≤ f ≤ 10 MHz
150
293
mV
(peak)
VTHS-
RXD Post-Squelch Negative Threshold
Sinusoid, 5 MHz
≤ f ≤ 10 MHz
–293
–150
mV
(peak)
VLTSQ+
RXD Positive Squelch Threshold (peak)
LRT = LOW
180
312
mV
VLTSQ-
RXD Negative Squelch Threshold (peak)
LRT = LOW
–312
–180
mV
VLTHS+
RXD Post-Squelch Positive Threshold
LRT = LOW
90
176
mV
(peak)
VLTHS-
RXD Post-Squelch Negative Threshold
LRT = LOW
–176
–90
mV
(peak)
VRXDTH
RXD Switching Threshold
(Note 4)
–35
35
mV
VTXH
TXD
± and TXP± Output HIGH Voltage
VSS = 0 V
VDD–0.6
VDD
V
VTXL
TXD
± and TXP± Output LOW Voltage
VDD = 5 V
VSS
VSS+0.6
V
VTXI
TXD
± and TXP± Differential Output
–40
40
mV
Voltage Imbalance
VTXOFF
TXD
± and TXP± Idle Output Voltage
40
mV
RTX
TXD
± , TXP± Differential Driver Output
(Note 4)
40
80
Ω
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com