Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 138 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 138 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 134Page - Advanced Micro Devices AM79C970 Datasheet HTML 135Page - Advanced Micro Devices AM79C970 Datasheet HTML 136Page - Advanced Micro Devices AM79C970 Datasheet HTML 137Page - Advanced Micro Devices AM79C970 Datasheet HTML 138Page - Advanced Micro Devices AM79C970 Datasheet HTML 139Page - Advanced Micro Devices AM79C970 Datasheet HTML 140Page - Advanced Micro Devices AM79C970 Datasheet HTML 141Page - Advanced Micro Devices AM79C970 Datasheet HTML 142Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 168 page
background image
P R E L I M I N A R Y
AMD
1-1005
Am79C970
SWITCHING CHARACTERISTICS: 10BASE-T Interface
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Transmit Timing
tTETD
Transmit Start of Idle
250
350
ns
tTR
Transmitter rise time
(10% to 90%)
5.5
ns
tTF
Transmitter fall time
(90% to 10%)
5.5
ns
tTM
Transmitter rise and fall time mismatch
(tTM = | tTR – tTF|)
1
ns
tPERLP
Idle Signal Period
8
24
ms
tPWLP
Idle Link Pulse Width
(See note below)
75
120
ns
tPWPLP
Predistortion Idle Link Pulse Width
(See note below)
45
55
ns
tJA
Transmit jabber activation time
20
150
ms
tJR
Transmit jabber reset time
250
750
ms
tJREC
Transmit jabber recovery time
1.0
µs
(minimum time gap between
transmitted frames to prevent
jabber activation)
Receiving Timing
tPWNRD
RXD pulse width not to turn off
VIN > VTHS (min)
136
ns
internal carrier sense
tPWROFF
RXD pulse width to turn off
VIN > VTHS (min)
200
ns
tRETD
Receive Start of Idle
200
ns
Note:
Not tested; parameter guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com