Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 136 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 136 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 132Page - Advanced Micro Devices AM79C970 Datasheet HTML 133Page - Advanced Micro Devices AM79C970 Datasheet HTML 134Page - Advanced Micro Devices AM79C970 Datasheet HTML 135Page - Advanced Micro Devices AM79C970 Datasheet HTML 136Page - Advanced Micro Devices AM79C970 Datasheet HTML 137Page - Advanced Micro Devices AM79C970 Datasheet HTML 138Page - Advanced Micro Devices AM79C970 Datasheet HTML 139Page - Advanced Micro Devices AM79C970 Datasheet HTML 140Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 168 page
background image
P R E L I M I N A R Y
AMD
1-1003
Am79C970
DC CHARACTERISTICS (continued)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Power Supply Current
IDD
Active Power Supply Current
XTAL1 = 20 MHz, CLK = 33 MHz
150
mA
IDDCOMA
Sleep Mode Power Supply Current
SLEEP Active
TBD
µA
IDDSNOOZE
Auto Wake Mode Power Supply Current
Awake Bit Set Active
TBD
µA
Pin Capacitance
CIN
Input Pin Capacitance
FC = 1 MHz (Notes 6 & 10)
10
pF
CO
I/O or Output Pin Capacitance
FC = 1 MHz (Note 6)
10
pF
CCLK
CLK Pin Capacitance
FC = 1 MHz (Note 6)
12
pF
Notes:
1. IOL1 applies to AD[31:00], C/BE[3:0], REQ, and PAR
IOL2 applies to FRAME, IRDY, TRDY, DEVSEL, STOP, SERR, PERR, and LOCK
IOL3 applies to EESK/LED1, EEDO/LED3, and EEDI/LNKST
2. VOH does not apply to open–drain output pins.
3. IIL and IIH apply to all input pins except XTAL1.
4. IOZL and IOZH apply to all three-state output pins and bi-directional pins.
5. Outputs are CMOS and will be driven to rail if the load is not resistive.
6. Parameter not tested. Value determined by characterization.
7. Tested, but to values in excess of limits. Test accuracy not sufficient to allow screening guard bands.
8. Correlated to other tested parameters – not tested directly.
9. Test not implemented to data sheet specification.
10. CIN = 8 pF for IDSEL input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com