Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 137 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 137 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 133Page - Advanced Micro Devices AM79C970 Datasheet HTML 134Page - Advanced Micro Devices AM79C970 Datasheet HTML 135Page - Advanced Micro Devices AM79C970 Datasheet HTML 136Page - Advanced Micro Devices AM79C970 Datasheet HTML 137Page - Advanced Micro Devices AM79C970 Datasheet HTML 138Page - Advanced Micro Devices AM79C970 Datasheet HTML 139Page - Advanced Micro Devices AM79C970 Datasheet HTML 140Page - Advanced Micro Devices AM79C970 Datasheet HTML 141Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 168 page
background image
AMD
P R E L I M I N A R Y
1-1004
Am79C970
SWITCHING CHARACTERISTICS: Bus Interface
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Clock Timing
CLK Frequency
0
33
MHz
tCYC
CLK Period
@ 1.5 V
30
∞
ns
tHIGH
CLK High Time
@ 2.0 V
12
ns
tLOW
CLK Low Time
@ 0.8 V
12
ns
tFALL
CLK Fall Time
over 2 V p-p
1
4
V/ns
tRISE
CLK Rise Time
over 2 V p-p
1
4
V/ns
Output and Float Delay Timing
tVAL
AD[31:00], C/
BE[3:0], PAR,
2
11
ns
FRAME, IRDY, TRDY, STOP,
LOCK, DEVSEL, PERR, SERR
Valid Delay
tVAL (REQ)
REQ Valid Delay
1
12
ns
fEESK
EESK Frequency
(See note below)
650
KHz
tVAL (EEDI)
EEDI Valid Output Delay from EESK
(See note below)
100
400
ns
tVAL (EESK) EECS Valid Output Delay from EESK
(See note below)
0
400
ns
tON
AD[31:00], C/
BE[3:0], PAR, FRAME,
2
11
ns
IRDY, TRDY, STOP, LOCK, DEVSEL
Active Delay
tOFF
AD[31:00], C/
BE[3:0], PAR, FRAME,28
ns
IRDY, TRDY, STOP, LOCK, DEVSEL
Float Delay
Setup and Hold Timing
tSU
AD[31:00], C/
BE[3:0], PAR, FRAME,7
ns
IRDY, TRDY, STOP, LOCK, DEVSEL,
IDSEL
Setup Time
tH
AD[31:00], C/
BE[3:0], PAR, FRAME,0
ns
IRDY, TRDY, STOP, LOCK, DEVSEL,
IDSEL
Hold Time
tSU (GNT)
GNT Setup Time
10
ns
tH (GNT)
GNT Hold Time
0
ns
tSU (EEDO)
EEDO Setup Time to EESK
(See note below)
50
ns
tH (EEDO)
EEDO Hold Time from EESK
(See note below)
0
ns
Note:
Parameter value is given for automatic EEPROM read operation. When EEPROM port (BCR19) is used to access the EEPROM,
software is responsible for meeting EEPROM timing requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com