Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 131 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 131 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 127Page - Advanced Micro Devices AM79C970 Datasheet HTML 128Page - Advanced Micro Devices AM79C970 Datasheet HTML 129Page - Advanced Micro Devices AM79C970 Datasheet HTML 130Page - Advanced Micro Devices AM79C970 Datasheet HTML 131Page - Advanced Micro Devices AM79C970 Datasheet HTML 132Page - Advanced Micro Devices AM79C970 Datasheet HTML 133Page - Advanced Micro Devices AM79C970 Datasheet HTML 134Page - Advanced Micro Devices AM79C970 Datasheet HTML 135Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 168 page
background image
AMD
P R E L I M I N A R Y
1-998
Am79C970
Control and Status Registers (continued)
Default Value
After
RAP Addr
Symbol
H_RESET
Comments
Use
22
CSR22
uuuu uuuu
NRBAL: Next RCV Buffer Address Lower
T
23
CSR23
uuuu uuuu
NRBAU: Next RCV Buffer Address Upper
T
24
CSR24
uuuu uuuu
BADRL: Base Address of RCV Ring Lower
S
25
CSR25
uuuu uuuu
BADRU: Base Address of RCV Ring Upper
S
26
CSR26
uuuu uuuu
NRDAL: Next RCV Descriptor Address Lower
T
27
CSR27
uuuu uuuu
NRDAU: Next RCV Descriptor Address Upper
T
28
CSR28
uuuu uuuu
CRDAL: Current RCV Descriptor Address Lower
T
29
CSR29
uuuu uuuu
CRDAU: Current RCV Descriptor Address Upper
T
30
CSR30
uuuu uuuu
BADXL: Base Address of XMT Ring Lower
S
31
CSR31
uuuu uuuu
BADXU: Base Address of XMT Ring Upper
S
32
CSR32
uuuu uuuu
NXDAL: Next XMT Descriptor Address Lower
T
33
CSR33
uuuu uuuu
NXDAU: Next XMT Descriptor Address Upper
T
34
CSR34
uuuu uuuu
CXDAL: Current XMT Descriptor Address Lower
T
35
CSR35
uuuu uuuu
CXDAU: Current XMT Descriptor Address Upper
T
36
CSR36
uuuu uuuu
NNRDAL: Next Next Receive Descriptor Address Lower
T
37
CSR37
uuuu uuuu
NNRDAU: Next Next Receive Descriptor Address Upper
T
38
CSR38
uuuu uuuu
NNXDAL: Next Next Transmit Descriptor Address Lower
T
39
CSR39
uuuu uuuu
NNXDAU: Next Next Transmit Descriptor Address Upper
T
40
CSR40
uuuu uuuu
CRBC: Current RCV Byte Count
T
41
CSR41
uuuu uuuu
CRST: Current RCV Status
T
42
CSR42
uuuu uuuu
CXBC: Current XMT Byte Count
T
43
CSR43
uuuu uuuu
CXST: Current XMT Status
T
44
CSR44
uuuu uuuu
NRBC: Next RCV Byte Count
T
45
CSR45
uuuu uuuu
NRST: Next RCV Status
T
46
CSR46
uuuu uuuu
POLL: Poll Time Counter
T
47
CSR47
uuuu uuuu
POLLINT: Polling Interval
S
48
CSR48
uuuu uuuu
Reserved
T
49
CSR49
uuuu uuuu
Reserved
T
50
CSR50
uuuu uuuu
Reserved
T
51
CSR51
uuuu uuuu
Reserved
T
52
CSR52
uuuu uuuu
Reserved
T
53
CSR53
uuuu uuuu
Reserved
T
54
CSR54
uuuu uuuu
Reserved
T
55
CSR55
uuuu uuuu
Reserved
T
56
CSR56
uuuu uuuu
Reserved
T
57
CSR57
uuuu uuuu
Reserved
T
58
CSR58
see reg. desc.
SWS: Software Style
S
59
CSR59
uuuu 0105
IR: IR Register
T
60
CSR60
uuuu uuuu
PXDAL: Previous XMT Descriptor Address Lower
T
61
CSR61
uuuu uuuu
PXDAU: Previous XMT Descriptor Address Upper
T
62
CSR62
uuuu uuuu
PXBC: Previous XMT Byte Count
T
63
CSR63
uuuu uuuu
PXST: Previous XMT Status
T
64
CSR64
uuuu uuuu
NXBA: Next XMT Buffer Address Lower
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com