Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 129 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 129 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 125Page - Advanced Micro Devices AM79C970 Datasheet HTML 126Page - Advanced Micro Devices AM79C970 Datasheet HTML 127Page - Advanced Micro Devices AM79C970 Datasheet HTML 128Page - Advanced Micro Devices AM79C970 Datasheet HTML 129Page - Advanced Micro Devices AM79C970 Datasheet HTML 130Page - Advanced Micro Devices AM79C970 Datasheet HTML 131Page - Advanced Micro Devices AM79C970 Datasheet HTML 132Page - Advanced Micro Devices AM79C970 Datasheet HTML 133Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 168 page
background image
AMD
P R E L I M I N A R Y
1-996
Am79C970
before the end of the frame was
reached. Upon UFLO error, the
transmitter is turned off (CSR0,
TXON = 0). UFLO is set by the
PCnet-PCI
controller
and
cleared by the host.
29
EXDEF
Excessive
Deferral.
Indicates
that the transmitter has experi-
enced Excessive Deferral on this
transmit frame, where Excessive
Deferral is defined in ISO 8802-3
(IEEE/ANSI 802.3).
28
LCOL
LATE COLLISION indicates that
a collision has occurred after the
slot time of the channel has
elapsed. The PCnet-PCI control-
ler does not re-try on late colli-
sions. LCOL is set by the
PCnet-PCI
controller
and
cleared by the host.
27
LCAR
LOSS OF CARRIER is set when
the carrier is lost during an
PCnet-PCI
controller-initiated
transmission when in AUI mode.
The PCnet-PCI controller does
not re-try upon loss of carrier. It
will continue to transmit the
whole frame until done. LCAR is
not valid in Internal Loopback
Mode. LCAR is set by the PCnet-
PCI controller and cleared by the
host.
In 10BASE-T mode, LCAR will
be set when T-MAU is in link fail
state.
26
RTRY
RETRY ERROR indicates that
the transmitter has failed after 16
attempts to successfully transmit
a message, due to repeated colli-
sions on the medium. If DRTY = 1
in the MODE register, RTRY will
set after 1 failed transmission
attempt. RTRY is set by the
PCnet-PCI
controller
and
cleared by the host.
ONE,
MORE, and RTRY are mutually
exclusive.
25–16
TDR
TIME
DOMAIN
REFLE-
CTOMETRY reflects the state of
an internal PCnet-PCI controller
counter that counts at a 10 MHz
rate from the start of a transmis-
sion to the occurrence of a colli-
sion or loss of carrier. This value
is useful in determining the ap-
proximate distance to a cable
fault. The TDR value is written by
the PCnet-PCI controller and is
valid only if RTRY is set.
Note that 10 MHz gives very low
resolution and in general has not
been found to be particularly use-
ful. This feature is here primarily
to maintain full compatibility with
the LANCE device (Am7990).
15–4
RES
Reserved locations.
3–0
TRC
Transmit Retry Count. Indicates
the number of transmit retries of
the associated packet. The maxi-
mum count is 15. However, if a
RETRY error occurs, the count
will roll over to ZERO. In this case
only, the Transmit Retry Count
value of ZERO should be inter-
preted as meaning 16. TRC is
written by the PCnet-PCI control-
ler into the last transmit descrip-
tor of a frame, or when an error
terminates a frame. Valid only
when OWN = 0.
TMD3
Bit
Name
Description
31–0
RES
Reserved locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com