Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 125 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 125 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 121Page - Advanced Micro Devices AM79C970 Datasheet HTML 122Page - Advanced Micro Devices AM79C970 Datasheet HTML 123Page - Advanced Micro Devices AM79C970 Datasheet HTML 124Page - Advanced Micro Devices AM79C970 Datasheet HTML 125Page - Advanced Micro Devices AM79C970 Datasheet HTML 126Page - Advanced Micro Devices AM79C970 Datasheet HTML 127Page - Advanced Micro Devices AM79C970 Datasheet HTML 128Page - Advanced Micro Devices AM79C970 Datasheet HTML 129Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 168 page
background image
AMD
P R E L I M I N A R Y
1-992
Am79C970
RMD0
Bit
Name
Description
31–0 RBADR
Receive Buffer address. This
field contains the address of the
receive buffer that is associated
with this descriptor.
RMD1
Bit
Name
Description
31
OWN
This bit indicates that the de-
scriptor entry is owned by the
host
(OWN=0)
or
by
the
PCnet-PCI controller (OWN=1).
The PCnet-PCI controller clears
the OWN bit after filling the buffer
pointed to by the descriptor entry.
The host sets the OWN bit after
emptying the buffer. Once the
PCnet-PCI controller or host has
relinquished
ownership
of
a
buffer, it must not change any
field in the descriptor entry.
30
ERR
ERR is the OR of FRAM, OFLO,
CRC, or BUFF. ERR is set by the
PCnet-PCI
controller
and
cleared by the host.
29
FRAM
FRAMING
ERROR
indicates
that the incoming frame con-
tained a non-integer multiple of
eight bits and there was an FCS
error. If there was no FCS error
on the incoming frame, then
FRAM will not be set even if there
was a non integer multiple of
eight bits in the frame. FRAM is
not valid in internal loopback
mode. FRAM is valid only when
ENP is set and OFLO is not.
FRAM is set by the PCnet-PCI
controller and cleared by the
host.
28
OFLO
OVERFLOW error indicates that
the receiver has lost all or part of
the incoming frame, due to an in-
ability to store the frame in a
memory buffer before the inter-
nal FIFO overflowed. OFLO is
valid only when ENP is not set.
OFLO is set by the PCnet-PCI
controller and cleared by the
host.
27
CRC
CRC indicates that the receiver
has detected a CRC (FCS) error
on the incoming frame. CRC is
valid only when ENP is set and
OFLO is not. CRC is set by the
PCnet-PCI
controller
and
cleared by the host.
26
BUFF
BUFFER ERROR is set any time
the PCnet-PCI controller does
not own the next buffer while data
chaining a received frame. This
can occur in either of two ways:
1. The OWN bit of the next buffer
is ZERO.
2. FIFO overflow occurred before
the
PCnet-PCI
controller
re-
ceived
the
STATUS
byte
(RMD1[31:24]
of
the
next
descriptor).
If a Buffer Error occurs, an Over-
flow Error may also occur inter-
nally in the FIFO, but will not be
reported in the descriptor status
entry unless both BUFF and
OFLO errors occur at the same
time . BUFF is set by the PCnet-
PCI controller and cleared by the
host.
25
STP
START OF PACKET indicates
that this is the first buffer used by
the PCnet-PCI controller for this
frame. It is used for data chaining
buffers.
When
SPRINTEN=0
(CSR3, bit 5), STP is set by the
PCnet-PCI
controller
and
cleared
by
the
host.
When
SPRINTEN=1 (CSR3, bit 5), STP
must be set by the host.
24
ENP
END OF PACKET indicates that
this is the last buffer used by the
PCnet-PCI controller for this
frame. It is used for data chaining
buffers. If both STP and ENP are
set, the frame fits into one buffer
and there is no data chaining.
ENP is set by the PCnet-PCI con-
troller and cleared by the host.
23–16
RES
Reserved locations. These loca-
tions should be read and written
as ZEROs.
15–12 ONES
These four bits must be written
as ONES. They are written by the
host and unchanged by the
PCnet-PCI controller.
11–00 BCNT
BUFFER BYTE COUNT is the
length of the buffer pointed to by
this descriptor, expressed as the
two’s complement of the length
of the buffer. This field is written
by the host and unchanged by
the PCnet-PCI controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com