Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 124 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 124 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 120Page - Advanced Micro Devices AM79C970 Datasheet HTML 121Page - Advanced Micro Devices AM79C970 Datasheet HTML 122Page - Advanced Micro Devices AM79C970 Datasheet HTML 123Page - Advanced Micro Devices AM79C970 Datasheet HTML 124Page - Advanced Micro Devices AM79C970 Datasheet HTML 125Page - Advanced Micro Devices AM79C970 Datasheet HTML 126Page - Advanced Micro Devices AM79C970 Datasheet HTML 127Page - Advanced Micro Devices AM79C970 Datasheet HTML 128Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 168 page
background image
P R E L I M I N A R Y
AMD
1-991
Am79C970
The Logical Address Filter is used in multicast address-
ing schemes. The acceptance of the incoming frame
based on the filter value indicates that the message may
be intended for the node. It is the node’s responsibility to
determine if the message is actually intended for the
node by comparing the destination address of the stored
message with a list of acceptable logical addresses.
If the Logical Address Filter is loaded with all ZEROs
and promiscuous mode is disabled, all incoming logical
addresses except broadcast will be rejected.
The Broadcast address, which is all ones, does not go
through the Logical Address Filter and is handled as
follows:
If the Disable Broadcast Bit is cleared, the broadcast
address is accepted.
If the Disable Broadcast Bit is set and promiscuous
mode is enabled, the broadcast address is accepted.
If the Disable Broadcast Bit is set and promiscuous
mode is disabled, the broadcast address is rejected.
If external loopback is used, the FCS logic must be allo-
cated to the receiver (by setting the DXMTFCS bit in
CSR15, and clearing the ADD_FCS bit in TMD1) when
using multicast addressing.
PADR
This 48-bit value represents the unique node address
assigned by the ISO 8802-3 (IEEE/ANSI 802.3) and
used for internal address comparison. PADR[0] is com-
pared with the first bit in the destination address set the
incoming frame (as received from the wire) the first ad-
dress bit transmitted on the wire, and must be ZERO.
The six hex-digit nomenclature used by the ISO 8802-3
(IEEE/ANSI 802.3) maps to the PCnet-PCI PADR regis-
ter as follows: the first byte is PADR[7:0], with PADR[0]
being the least significant bit of the byte. The second
ISO 8802-3 (IEEE/ANSI 802.3) byte is compared with
PADR[15:8], again from LS bit to MS bit, and so on. The
sixth byte is compared with PADR[47:40], the LS bit be-
ing PADR[40].
MODE
The mode register in the initialization block is copied into
CSR15 and interpreted according to the description of
CSR15.
Receive Descriptors
When SSIZE32=0 (BCR20, bit 8), then the software
structures are defined to be 16 bits wide, and receive de-
scriptors look like this (CRDA = Current Receive De-
scriptor Address):
Table 15. 16-Bit Data Structure Receive Descriptor
Address
15
14
13
12
11
10
9
8
7–0
CRDA+00h
RBADR[15:0]
CRDA+02h
OWN
ERR
FRAM
OFLO
CRC
BUFF
STP
ENP
RBADR[23:16]
CRDA+04h
1
1
1
1
BCNT
CRDA+06h
0
0
0
0
MCNT
When SSIZE32=1 (BCR 20, bit 8), then the software
structures are defined to be 32 bits wide, and receive de-
scriptors look like this (CRDA = Current Receive
Descriptor Address):
Table 16. 32-Bit Data Structure Receive Descriptor
Address
31
30
29
28
27
26
25
24
23–16
15–12
11–0
CRDA+00h
RBADR[31:0]
CRDA+04h
OWN
ERR
FRAM
OFLO
CRC
BUFF
STP
ENP
RES
1111
BCNT
CRDA+08h
RCC
RPC
0000
MCNT
CRDA+0Ch
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com