Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 121 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 121 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 117Page - Advanced Micro Devices AM79C970 Datasheet HTML 118Page - Advanced Micro Devices AM79C970 Datasheet HTML 119Page - Advanced Micro Devices AM79C970 Datasheet HTML 120Page - Advanced Micro Devices AM79C970 Datasheet HTML 121Page - Advanced Micro Devices AM79C970 Datasheet HTML 122Page - Advanced Micro Devices AM79C970 Datasheet HTML 123Page - Advanced Micro Devices AM79C970 Datasheet HTML 124Page - Advanced Micro Devices AM79C970 Datasheet HTML 125Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 168 page
background image
AMD
P R E L I M I N A R Y
1-988
Am79C970
7–0 SWSTYLE
Software
Style
register.
The
value in this register determines
the style of I/O resources that
shall be used by the PCnet-PCI
controller. The Software Style
selection will affect the interpre-
tation of a few bits within the CSR
space and the width of the de-
scriptors and initialization block.
Specifically:
Table 12. SWSTYLE Values
SWSTYLE
Style
CSR-
Altered Bit
[7:0]
Name
PCNET SSIZE32 Interpretations
00h
LANCE/
1
0
ALL CSR4 bits will
PCnet-
function as defined in
ISA
the CSR4 section.
TMD1[29] functions as
ADD_FCS
01h
ILACC
0
1
CSR4[9:8], CSR4[5:4]
and CSR4[1:0] will
have no function, but
will be writeable and
readable.
CSR4[15:10], CSR4[7:6]
and CSR4[3:2] will
function as defined in the
CSR4 section.
TMD1[29] becomes
NO_FCS.
02h
PCnet-
1
1
ALL CSR4 bits will
PCI
function as defined in
the CSR4 section.
TMD1[29] functions as
ADD_FCS
All other
Res.
Undef.
Undef.
Undef.
combs.
All PCnet-PCI controller CSR
bits and BCR bits and all descrip-
tor, buffer and initialization block
entries not cited in the table
above are unaffected by the Soft-
ware Style selection and are
therefore always fully functional
as specified in the CSR and BCR
sections.
Read/write accessible only when
STOP bit is set.
The SWSTLYE register will con-
tain the value 00h following
H_RESET or S_RESET and will
be unaffected by STOP.
BCR21: Interrupt Control
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 INTCON
Reserved locations. Writes to
this register will have no effect on
the operation of the PCnet-PCI
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com