Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 119 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 119 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 115Page - Advanced Micro Devices AM79C970 Datasheet HTML 116Page - Advanced Micro Devices AM79C970 Datasheet HTML 117Page - Advanced Micro Devices AM79C970 Datasheet HTML 118Page - Advanced Micro Devices AM79C970 Datasheet HTML 119Page - Advanced Micro Devices AM79C970 Datasheet HTML 120Page - Advanced Micro Devices AM79C970 Datasheet HTML 121Page - Advanced Micro Devices AM79C970 Datasheet HTML 122Page - Advanced Micro Devices AM79C970 Datasheet HTML 123Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 168 page
background image
AMD
P R E L I M I N A R Y
1-986
Am79C970
12–5
RES
Reserved locations. Written as
ZERO, read as undefined.
4
EEN
EEPROM port enable. When this
bit is set to a one, it causes the
values of ECS, ESK and EDI to
be driven onto the EECS, EESK
and EEDI pins, respectively. If
EEN=0 and no EEPROM read
function is currently active, then
EECS will be driven LOW. When
EEN=0 and no EEPROM read
function is currently active, EESK
and EEDI pins will be driven by
the LED registers BCR5 and
BCR4, respectively.
EEN is set to ZERO by H_RE-
SET and is unaffected by the
S_RESET or STOP bit.
3
RES
Reserved location. Written as
ZERO and read as undefined.
2
ECS
EEPROM Chip Select. This bit is
used to control the value of the
EECS pin of the Microwire inter-
face when the EEN bit is set to
ONE and the PREAD bit is set to
ZERO. If EEN = 1 and PREAD =
0 and ECS is set to a ONE, then
the EECS pin will be forced to a
HIGH level at the rising edge of
the next CLK following bit pro-
gramming. If EEN = 1 and
PREAD = 0 and ECS is set to a
ZERO, then the EECS pin will be
forced to a LOW level at the rising
edge of the next CLK following bit
programming. ECS has no effect
on the output value of the EECS
pin unless the PREAD bit is set to
ZERO and the EEN bit is set to
ONE.
ECS is set to ZERO by H_RE-
SET and is not affected by
S_RESET or STOP.
1
ESK
EEPROM Serial Clock. This bit
and the EDI/EDO bit are used to
control
host
access
to
the
EEPROM. Values programmed
to this bit are placed onto the
EESK pin at the rising edge of the
next CLK following bit program-
ming, except when the PREAD
bit is set to ONE or the EEN bit is
set to ZERO. If both the ESK bit
and the EDI/EDO bit values are
changed during one BCR19 write
operation, while EEN = 1, then
setup and hold times of the EEDI
pin value with respect to the
EESK signal edge are not guar-
anteed.
ESK has no effect on the EESK
pin unless the PREAD bit is set to
ZERO and the EEN bit is set to
ONE.
ESK is reset to ONE by H_RE-
SET and is not affected by
S_RESET or STOP.
Table 11. EEPROM Port Enable
PREAD or
Auto Read
RST Pin
in Progress
EEN
EECS
EESK
EEDI
Low
X
X
0
Z
Z
High
1
X
Active
Active
Active
High
0
1
From ECS
From ESK Bit
From EDI Bit
Bit of BCR19
of BCR19
of BCR19
High
0
0
0
LED1
LNKST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com