Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 117 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 117 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 113Page - Advanced Micro Devices AM79C970 Datasheet HTML 114Page - Advanced Micro Devices AM79C970 Datasheet HTML 115Page - Advanced Micro Devices AM79C970 Datasheet HTML 116Page - Advanced Micro Devices AM79C970 Datasheet HTML 117Page - Advanced Micro Devices AM79C970 Datasheet HTML 118Page - Advanced Micro Devices AM79C970 Datasheet HTML 119Page - Advanced Micro Devices AM79C970 Datasheet HTML 120Page - Advanced Micro Devices AM79C970 Datasheet HTML 121Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 168 page
background image
AMD
P R E L I M I N A R Y
1-984
Am79C970
gives a default linear burst length
of 4 transfers = 001b x 4.
BCR19: EEPROM Control and Status Register
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15
PVALID
EEPROM Valid status bit. This
bit is read only by the host. A
value of ONE in this bit indicates
that a PREAD operation has oc-
curred, and that 1) there is an
EEPROM
connected
to
the
PCnet-PCI controller Microwire
interface pins and 2) the contents
read from the EEPROM have
passed the checksum verifica-
tion operation.
A value of ZERO in this bit indi-
cates that the contents of the
EEPROM are different from the
contents of the applicable PCnet-
PCI controller on-board registers
and/or that the checksum for the
entire 36 bytes of EEPROM is in-
correct
or that no EEPROM is
connected to the Microwire inter-
face pins.
PVALID is set to ZERO during
H_RESET and is unaffected by
S_RESET or the STOP bit. How-
ever, following the H_RESET op-
eration, an automatic read of the
EEPROM will be performed.
Just as is true for the normal
PREAD command, at the end of
this automatic read operation,
the PVALID bit may be set to
ONE. Therefore, H_RESET will
set the PVALID bit to ZERO at
first, but the automatic EEPROM
read operation may later set
PVALID to a ONE.
If PVALID becomes ZERO fol-
lowing an EEPROM read opera-
tion
(either
automatically
generated after H_RESET, or re-
quested through PREAD), then
all
EEPROM-programmable
BCR locations will be reset to
their H_RESET values. The con-
tent of the APROM locations,
however, will not be cleared.
If no EEPROM is present at the
EESK, EEDI and EEDO pins,
then all attempted PREAD com-
mands will terminate early and
PVALID will NOT be set. This ap-
plies to the automatic read of the
EEPROM after H_RESET as
well as to host–initiated PREAD
commands.
14
PREAD
EEPROM Read command bit.
When this bit is set to a ONE by
the host, the PVALID bit (BCR19,
bit 15) will immediately be reset
to a ZERO and then the PCnet-
PCI controller will perform a read
operation of 36 bytes from the
EEPROM through the Microwire
interface. The EEPROM data
that is fetched during the read will
be stored in the appropriate inter-
nal registers on board the PCnet-
PCI controller. Upon completion
of the EEPROM read operation,
the PCnet-PCI controller will as-
sert the PVALID bit. EEPROM
contents will be indirectly acces-
sible to the host through I/O read
accesses to the APROM (offsets
0h through Fh) and through I/O
read accesses to other EEPROM
programmable registers. Note
that I/O read accesses from
these locations will not actually
access the EEPROM itself, but
instead will access the PCnet-
PCI controllers internal copy of
the EEPROM contents. I/O write
accesses to these locations may
change the PCnet-PCI controller
register
contents,
but
the
EEPROM locations will not be af-
fected. EEPROM locations may
be accessed directly through
BCR19.
At the end of the read operation,
the PREAD bit will automatically
be reset to a ZERO by the PCnet-
PCI controller and PVALID will
bet
set,
provided
that
an
EEPROM
existed
on
the
Microwire interface pins and that
the checksum for the entire 36
bytes of EEPROM was correct.
Note that when PREAD is set to a
ONE, then the PCnet-PCI con-
troller will no longer respond to
I/O accesses directed toward it,
until the PREAD operation has
completed
successfully.
The
PCnet-PCI controller will termi-
nate these I/O accesses with the
assertion of
DEVSEL and STOP
while
TRDY is not asserted, sig-
naling to the initiator to retry the
access at a later time.
If a PREAD command is given to
the PCnet-PCI controller but no
EEPROM is attached to the
Microwire interface pins, then the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com