Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 114 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 114 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 110Page - Advanced Micro Devices AM79C970 Datasheet HTML 111Page - Advanced Micro Devices AM79C970 Datasheet HTML 112Page - Advanced Micro Devices AM79C970 Datasheet HTML 113Page - Advanced Micro Devices AM79C970 Datasheet HTML 114Page - Advanced Micro Devices AM79C970 Datasheet HTML 115Page - Advanced Micro Devices AM79C970 Datasheet HTML 116Page - Advanced Micro Devices AM79C970 Datasheet HTML 117Page - Advanced Micro Devices AM79C970 Datasheet HTML 118Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 168 page
background image
P R E L I M I N A R Y
AMD
1-981
Am79C970
pin will be driven to a LOW level
whenever the OR of the enabled
signals is true and the LED pin
will be disabled and allowed to
float high whenever the OR of the
enabled signals is false. (i.e. the
LED output will be an Open Drain
output and the output value will
be the inverse of the LEDOUT
status bit.)
When this bit has the value ONE,
then the LED pin will be driven to
a HIGH level whenever the OR of
the enabled signals is true and
the LED pin will be driven to a
LOW level whenever the OR of
the enabled signals is false. (i.e.
the LED output will be a Totem
Pole output and the output value
will be the same polarity as the
LEDOUT status bit.)
The setting of this bit will not af-
fect the polarity of the LEDOUT
bit for this register.
13
LEDDIS
LED Disable. This bit is used to
disable the LED output. When
LEDDIS has the value ONE, then
the LED output will always be
tristated. When LEDDIS has the
value ZERO, then the LED out-
put value will be governed by the
LEDOUT and LEDPOL values.
12–8
RES
Reserved locations. Write as ZE-
ROS, read as undefined.
A value of 0 disables the signal.
A value of 1 enables the signal.
7
PSE
Pulse Stretcher Enable. Extends
the LED illumination time for
each new occurrence of the en-
abled function for this LED
output.
A value of 0 disables the signal.
A value of 1 enables the signal.
6
LNKSTE
Link Status Enable. Indicates the
current link status on the Twisted
Pair interface. When this bit is en-
abled, a value of ONE will be
passed to the LEDOUT signal to
indicate that the link status state
is PASS. A value of ZERO will be
passed to the LEDOUT signal to
indicate that the link status state
is FAIL.
A value of 0 disables the signal.
A value of 1 enables the signal.
5
RCVME
Receive Match status Enable. In-
dicates receive activity on the
network that has passed the ad-
dress match function for this
node.
All
address
matching
modes are included: Physical,
Logical
filtering
and
Promiscuous.
A value of 0 disables the signal.
A value of 1 enables the signal.
4
XMTE
Transmit status Enable. Indi-
cates
PCnet-PCI
controller
transmit activity.
A value of 0 disables the signal.
A value of 1 enables the signal.
3
RXPOLE
Receive Polarity status Enable.
Indicates the current Receive
Polarity condition on the Twisted
Pair interface. A value of ONE in-
dicates that the polarity of the
RXD
± pair has been reversed. A
value of ZERO indicates that the
polarity of the RXD
± pair has not
been reversed.
Receive polarity indication is
valid only if the T-MAU is in the
Link Pass state.
A value of 0 disables the signal.
A value of 1 enables the signal.
2
RCVE
Receive status Enable. Indicates
receive activity on the network.
A value of 0 disables the signal.
A value of 1 enables the signal.
1
JABE
Jabber status Enable. Indicates
that the PCnet-PCI controller is
jabbering on the network.
A value of 0 disables the signal.
A value of 1 enables the signal.
0
COLE
Collision status Enable.
Indi-
cates collision activity on the net-
work.
A value of 0 disables the signal.
A value of 1 enables the signal.
BCR16: I/O Base Address Lower
Bit
Name
Description
Note that all bits in this register
are programmable through the
EEPROM PREAD operation.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–5 IOBASEL
Reserved locations. After H_RE-
SET, the value of these bits will
be undefined. The settings of
these bits will have no affect on
any
PCnet-PCI
controller
function.
IOBASEL is not affected by
S_RESET or STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com