Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 115 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 115 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 111Page - Advanced Micro Devices AM79C970 Datasheet HTML 112Page - Advanced Micro Devices AM79C970 Datasheet HTML 113Page - Advanced Micro Devices AM79C970 Datasheet HTML 114Page - Advanced Micro Devices AM79C970 Datasheet HTML 115Page - Advanced Micro Devices AM79C970 Datasheet HTML 116Page - Advanced Micro Devices AM79C970 Datasheet HTML 117Page - Advanced Micro Devices AM79C970 Datasheet HTML 118Page - Advanced Micro Devices AM79C970 Datasheet HTML 119Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 168 page
background image
AMD
P R E L I M I N A R Y
1-982
Am79C970
4–0
RES
Reserved locations. Written as
ZEROS, read as undefined.
BCR17: I/O Base Address Upper
Bit
Name
Description
Note that all bits in this register
are programmable through the
EEPROM PREAD operation.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 IOBASEU
Reserved locations. After H_RE-
SET, the value in this register will
be undefined. The settings of this
register will have no affect on any
PCnet-PCI controller function.
IOBASEU is not affected by
S_RESET or STOP.
BCR18: Burst Size and Bus Control
Register
Bit
Name
Description
Note that all bits, except bit 7, in
this register are programmable
through the EEPROM PREAD
operation.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–11
RES
Reserved locations. After H_RE-
SET, these five bits will read
00100b. The settings of these
bits will have no affect on any
PCnet-PCI controller function.
Writes to these bits have no af-
fect on the operation of PCnet-
PCI controller.
RES is set to 00100b by H_RE-
SET and is not affected by
S_RESET or STOP.
10
RES
Reserved location. Must be writ-
ten as ZERO. Writing a one to
this bit may cause the PCnet-PCI
controller to malfunction in a
system.
This reserved location is cleared
by H_RESET and is not affected
by S_RESET or STOP.
9
RES
Reserved location. Written as
ZERO and read as undefined.
This reserved location is cleared
by H_RESET and is not affected
by S_RESET or STOP.
8
RES
Reserved bit. Must be written as
a ONE. Will be read as a ONE.
This reserved location is SET by
H_RESET and is not affected by
S_RESET or STOP.
7
DWIO
Double Word I/O. When set, this
bit indicates that the PCnet-PCI
controller is programmed for
DWIO mode. When cleared, this
bit indicates that the PCnet-PCI
controller is programmed for
Word I/O mode. This bit affects
the I/O Resource Offset map and
it affects the defined width of the
PCnet-PCI controller’s I/O re-
sources. See the DWIO and WIO
sections for more details.
The PCnet-PCI controller will set
DWIO if it detects a DWORD
write access to offset 10h from
the PCnet-PCI controller I/O
base address (corresponding to
the RDP resource). A double-
word write access to offset 10h is
the only way that the DWIO bit
can be set. DWIO cannot be set
by a direct write to BCR18.
Once the DWIO bit has been set
to a ONE, only a H_RESET can
reset it to a ZERO.
DWIO is read only by the host.
DWIO is cleared by H_RESET
and is not affected by S_RESET
or STOP.
6
BREADE
Burst Read Enable. When set,
this bit enables Linear Bursting
during memory read accesses,
where Linear Bursting is defined
to mean that only the first transfer
in the current bus arbitration will
contain an address phase. Sub-
sequent transfers will consist of
data phases only. When cleared,
this bit prevents the part from
performing linear bursting during
read accesses. In no case will the
part linearly burst a descriptor ac-
cess or an initialization access.
BREADE should be set to ONE
when the PCnet-PCI controller is
used in a PCI bus application.
The use of burst transfers guar-
antees maximum performance
during memory read operations.
BREADE is cleared by H_RE-
SET and is not affected by S_RE-
SET or STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com