Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 123 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 123 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 119Page - Advanced Micro Devices AM79C970 Datasheet HTML 120Page - Advanced Micro Devices AM79C970 Datasheet HTML 121Page - Advanced Micro Devices AM79C970 Datasheet HTML 122Page - Advanced Micro Devices AM79C970 Datasheet HTML 123Page - Advanced Micro Devices AM79C970 Datasheet HTML 124Page - Advanced Micro Devices AM79C970 Datasheet HTML 125Page - Advanced Micro Devices AM79C970 Datasheet HTML 126Page - Advanced Micro Devices AM79C970 Datasheet HTML 127Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 168 page
background image
AMD
P R E L I M I N A R Y
1-990
Am79C970
If a value other than those listed in the above table is de-
sired, CSR76 and CSR78 can be written after initializa-
tion
is
complete.
See
the
description
of
the
appropriate CSRs.
When SSIZE32=1 (BCR20, bit 8), then the software
structures are defined to be 32 bits wide, and the RLEN
and TLEN fields in the initialization block are 4 bits wide,
occupying bits 23–20 (RLEN) and 31–28 (TLEN) and
the value in these fields determines the number of Re-
ceive and Transmit Descriptor Ring Entries (DRE)
which are used in the descriptor rings. Their meaning is
as follows:
R/TLEN
# of DREs
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256
1001
512
11XX
512
1X1X
512
If a value other than those listed in the above table is de-
sired, CSR76 and CSR78 can be written after initializa-
tion is complete. See the description of the appropriate
CSRs.
RDRA and TDRA
TDRA and RDRA indicate where the transmit and re-
ceive descriptor rings, respectively, begin. When
SSIZE32=1 (BCR20, bit 8), each DRE must be aligned
to a 16-byte boundary (TDRA [3:0]=0, RDRA [3:0]=0).
When SSIZE32=0 (BCR20, bit 8), each DRE must be
aligned to an 8-byte boundary (TDRA [2:0]=0, RDRA
[2:0]=0).
LADRF
The Logical Address Filter (LADRF) is a 64-bit mask that
is used to accept incoming Logical Addresses. If the first
bit in the destination address of the incoming frame (as
received from the wire) is a “1”, the address is deemed
logical. If the first bit is a “0”, it is a physical address and
is compared against the physical address that was
loaded through the initialization block.
A logical address is passed through the CRC generator,
producing a 32-bit result. The high order 6 bits of the
CRC is used to select one of the 64-bit positions in the
Logical Address Filter. If the selected filter bit is set, the
address is accepted and the frame is placed
into memory.
18220C-34
47
1
0
Received Message
Destination Address
1
CRC
GEN
SEL
31
26
0
MUX
MATCH
MATCH = 1:
Packet Accepted
MATCH = 0:
Packet Accepted
63
0
6
64
Logical
Address Filter
(LADRF)
32-Bit Resultant CRC
25
Figure 32. Address Match Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com