Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 108 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 104Page - Advanced Micro Devices AM79C970 Datasheet HTML 105Page - Advanced Micro Devices AM79C970 Datasheet HTML 106Page - Advanced Micro Devices AM79C970 Datasheet HTML 107Page - Advanced Micro Devices AM79C970 Datasheet HTML 108Page - Advanced Micro Devices AM79C970 Datasheet HTML 109Page - Advanced Micro Devices AM79C970 Datasheet HTML 110Page - Advanced Micro Devices AM79C970 Datasheet HTML 111Page - Advanced Micro Devices AM79C970 Datasheet HTML 112Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 168 page
background image
P R E L I M I N A R Y
AMD
1-975
Am79C970
This register is always readable
and is cleared by H_RESET or
S_RESET or STOP.
A write to this register performs
an increment when the ENTST
bit in CSR4 is set.
CSR114: Receive Collision Count
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
RCC
Receive Collision Count. Indi-
cates the total number of colli-
sions
encountered
by
the
receiver since the last reset of the
counter.
RCC will roll over to a count of
ZERO from the value 65535.
The RCVCCO bit of CSR4 (bit 5)
will be set each time that this
occurs.
The RCC value is read accessi-
ble at all times, regardless of the
value of the STOP bit. Write op-
erations are ignored.
RCC is
cleared
by
H_RESET
or
S_RESET or by setting the
STOP bit.
A write to this register performs
an increment when the ENTST
bit in CSR4 is set.
CSR122: Receive Frame Alignment Control
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–1
RES
Reserved locations, written as
ZEROs and read as undefined.
0
RCVALGN
Receive Packet Align. When set,
this bit forces the data field of ISO
8802-3 (IEEE/ANSI 802.3) pack-
ets to align to 0 MOD 4 address
boundaries (i.e. DWORD (dou-
ble-word) aligned addresses). It
is important to note that this fea-
ture will only function correctly if
all receive buffer boundaries are
DWORD aligned and all receive
buffers have 0 MOD 4 lengths. In
order to accomplish the data
alignment, the PCnet-PCI con-
troller simply inserts two bytes of
random data at the beginning of
the receive packet (i.e. before the
ISO 8802-3 (IEEE/ANSI 802.3)
destination address field). The
MCNT field reported to the re-
ceive descriptor will not include
the extra two bytes.
RCVALGN is cleared by H_RE-
SET or S_RESET and is not af-
fected by STOP.
Read/write accessible only when
STOP bit is set.
CSR124: Test Register 1
Bit
Name
Description
This register is used to place the
PCnet-PCI
into
various
test
modes. Only the Runt Packet Ac-
cept is an user accessible test
mode. All other test modes are
for AMD internal use only.
ENTST must set before pro-
gramming
CSR124.
ENTST
must be reset after writing to
CSR124 before writing to any
other register.
All bits in this register are cleared
by H_RESET or S_RESET and
are not affected by STOP.
31–4
RES
Reserved locations. Written as
ZEROs and read as undefined.
3
RPA
Runt Packet Accept. This bit
forces the PCnet-PCI controller
receive logic to accept runt pack-
ets (packets shorter than 64
bytes). The state of the RPA bit
can be changed only when the
device is in the test mode (when
ENTST bit in CSR4 is set to
ONE).
To enable RPA, the user must
first write a ONE to the ENTST
bit. Next, the user must first write
a ONE to the RPA bit (CSR124,
bit 3). Finally, the user must write
a ZERO to the ENTST bit to take
the device out of test mode op-
eration. Once, the RPA bit has
been set to ONE, the device will
remain in the Runt Packet Accept
mode until the RPA bit is cleared
to ZERO.
2–0
RES
Reserved locations. Written as
ZEROs and read as undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com