Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 107 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 107 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 103Page - Advanced Micro Devices AM79C970 Datasheet HTML 104Page - Advanced Micro Devices AM79C970 Datasheet HTML 105Page - Advanced Micro Devices AM79C970 Datasheet HTML 106Page - Advanced Micro Devices AM79C970 Datasheet HTML 107Page - Advanced Micro Devices AM79C970 Datasheet HTML 108Page - Advanced Micro Devices AM79C970 Datasheet HTML 109Page - Advanced Micro Devices AM79C970 Datasheet HTML 110Page - Advanced Micro Devices AM79C970 Datasheet HTML 111Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 168 page
background image
AMD
P R E L I M I N A R Y
1-974
Am79C970
Note that this code is not the
same as the Device ID in the PCI
configuration space.
11 – 1
Manufacturer
ID.
The
11-bit
manufacturer code for AMD is
00000000001. This code is per
the JEDEC Publication 106-A.
Note that this code is not the
same as the Vendor ID in the PCI
configuration space.
0
Always a logic 1.
CSR89: Chip ID Register Upper
Bit
Name
Description
31 – 16
Reserved locations; Read as un-
defined.
15 – 12
Version. This 4-bit pattern is sili-
con-revision dependent.
11 – 0
Upper 12 bits of the PCnet-PCI
controller part number. i.e. 0010
0100 0011b.
CSR92: Ring Length Conversion
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
RCON
Ring Length Conversion Regis-
ter. This register performs a ring
length conversion from an en-
coded value as found in the in-
itialization
block
to
a
two’s
complement value used for inter-
nal counting. By writing bits
15–12 with an encoded ring
length, a Two’s complemented
value is read. The RCON register
is undefined until written.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR94: Transmit Time Domain
Reflectometry Count
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–10
RES
Reserved locations. Read and
written as ZERO.
9–0
XMTTDR
Time Domain Reflectometry re-
flects the state of an internal
counter that counts from the start
of transmission to the occurrence
of loss of carrier. TDR is incre-
mented at a rate of 10 MHz.
Read
accessible
only
when
STOP bit is set. Write operations
are ignored. XMTTDR is cleared
by H_RESET or S_RESET.
CSR100: Bus Timeout
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 MERRTO
This register contains the value
of the longest allowable bus la-
tency (interval between assertion
of
REQ and assertion of GNT)
that a system may insert into a
PCnet-PCI
controller
master
transfer. If this value of bus la-
tency is exceeded, then a MERR
will be indicated in CSR0, bit 11,
and an interrupt may be gener-
ated, depending upon the setting
of the MERRM bit (CSR3, bit 11)
and the IENA bit (CSR0, bit 6).
The value in this register is inter-
preted as the unsigned number
of XTAL1 clock periods divided 2.
(i.e., the value in this register is
given in 0.1
µsecond incre-
ments.) For example, the value
0200h (512 decimal) will cause a
MERR to be indicated after 51.2
microseconds of bus latency. A
value of ZERO will allow an infi-
nitely long bus latency; i.e. a
value of ZERO will never give a
bus timeout error.
This register is set to 0200h by
H_RESET or S_RESET and is
unaffected by STOP.
Read/write accessible only when
STOP bit is set.
CSR112: Missed Frame Count
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
MFC
Missed Frame Count. Indicates
the number of missed frames.
MFC will roll over to a count of
ZERO from the value 65535.
The MPCO bit of CSR4 (bit 8) will
be set each time that this occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com