Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 104 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 104 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 100Page - Advanced Micro Devices AM79C970 Datasheet HTML 101Page - Advanced Micro Devices AM79C970 Datasheet HTML 102Page - Advanced Micro Devices AM79C970 Datasheet HTML 103Page - Advanced Micro Devices AM79C970 Datasheet HTML 104Page - Advanced Micro Devices AM79C970 Datasheet HTML 105Page - Advanced Micro Devices AM79C970 Datasheet HTML 106Page - Advanced Micro Devices AM79C970 Datasheet HTML 107Page - Advanced Micro Devices AM79C970 Datasheet HTML 108Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 168 page
background image
P R E L I M I N A R Y
AMD
1-971
Am79C970
13–12 RCVFW[1:0] Receive
FIFO
Watermark.
RCVFW controls the point at
which receive DMA is requested
in relation to the number of re-
ceived bytes in the receive FIFO.
RCVFW specifies the number of
bytes which must be present
(once the frame has been veri-
fied as a non-runt) before receive
DMA is requested. Note however
that in order for receive DMA to
be performed for a new frame, at
least 64 bytes must have been
received. This effectively avoids
having to react to receive frames
which are runts or suffer a colli-
sion during the slot time (512 bit
times). If the Runt Packet Accept
feature is enabled, receive DMA
will be requested as soon as
either the RCVFW threshold is
reached, or a complete valid re-
ceive frame is detected (regard-
less of length). RCVFW is set to
a value of 10b (64 bytes) after
H_RESET or S_RESET and is
unaffected by STOP.
RCVFW[1:0]
Bytes Received
00
16
01
32
10
64
11
Reserved
Read/write accessible only when
STOP bit is set.
Certain combinations of water-
mark programming and LINBC
(BCR18, bits 2–0) programming
may create situations where no
linear bursting is possible, or
where the FIFO may be exces-
sively read or excessively writ-
ten.
Such
combinations
are
declared as illegal.
Combinations of watermark set-
tings and LINBC (BCR 18, bits
2–0) settings must obey the fol-
lowing relationship:
watermark (in bytes)
LINBC (in bytes)
Combinations of watermark and
LINBC settings that violate this
rule
may
cause
unexpected
behavior.
11–10 XMTSP[1:0]
Transmit Start Point. XMTSP
controls the point at which pre-
amble
transmission
attempts
commence in relation to the num-
ber of bytes written to the
transmit FIFO for the current
transmit frame. When the entire
frame is in the FIFO, transmis-
sion will start regardless of the
value in XMTSP.
XMTSP is
given a value of 10b (64 bytes)
after H_RESET or
S_RESET and is unaffected by
STOP. Regardless of XMTSP,
the FIFO will not internally over
write its data until at least 64
bytes (or the entire frame if < 64
bytes) have been transmitted
onto the network. This ensures
that for collisions within the slot
time window, transmit data need
not be re-written to the transmit
FIFO, and re-tries will be handled
autonomously by the MAC. This
bit is read/write accessible only
when the STOP bit is set.
XMTSP[1:0]
Bytes Written
00
4
01
16
10
64
11
112
9–8 XMTFW[1:0]
Transmit
FIFO
Watermark.
XMTFW specifies the point at
which
transmit
DMA
stops,
based upon the number of write
cycles that could be performed to
the transmit FIFO without FIFO
overflow. Transmit DMA is al-
lowed at any time when the num-
ber of write cycles specified by
XMTFW could be executed with-
out causing transmit FIFO over-
flow. XMTFW is set to a value of
00b (8 cycles) after H_RESET or
S_RESET and is unaffected by
STOP. Read/write accessible
only when STOP bit is set.
XMTFW[1:0]
Bytes Written
00
16
01
32
10
64
11
Reserved
Certain combinations of water-
mark programming and LINBC
(BCR18, bits 2–0) programming
may create situations where no
linear bursting is possible, or
where the FIFO may be exces-
sively read or excessively writ-
ten.
Such
combinations
are
declared as illegal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com