Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 99Page - Advanced Micro Devices AM79C970 Datasheet HTML 100Page - Advanced Micro Devices AM79C970 Datasheet HTML 101Page - Advanced Micro Devices AM79C970 Datasheet HTML 102Page - Advanced Micro Devices AM79C970 Datasheet HTML 103Page - Advanced Micro Devices AM79C970 Datasheet HTML 104Page - Advanced Micro Devices AM79C970 Datasheet HTML 105Page - Advanced Micro Devices AM79C970 Datasheet HTML 106Page - Advanced Micro Devices AM79C970 Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 168 page
background image
AMD
P R E L I M I N A R Y
1-970
Am79C970
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR67: Next Transmit Status
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–8
NXST
Next Transmit Status. This field
is a copy of bits 31–24 of TMD1 of
the next transmit descriptor.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
7–0
RES
Reserved locations. Read and
written as ZERO.
Accessible only when STOP bit is
set.
CSR72: Receive Ring Counter
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 RCVRC
Receive Ring Counter location.
Contains a Two’s complement
binary number used to number
the current receive descriptor.
This counter interprets the value
in CSR76 as pointing to the first
descriptor. A counter value of
ZERO corresponds to the last
descriptor in the ring.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR74: Transmit Ring Counter
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 XMTRC
Transmit Ring Counter location.
Contains a Two’s complement
binary number used to number
the current transmit descriptor.
This counter interprets the value
in CSR78 as pointing to the first
descriptor. A counter value of
ZERO corresponds to the last
descriptor in the ring.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR76: Receive Ring Length
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 RCVRL
Receive Ring Length. Contains
the two’s complement of the re-
ceive descriptor ring length. This
register is initialized during the
PCnet-PCI initialization routine
based on the value in the RLEN
field of the initialization block.
However, this register can be
manually altered. The actual re-
ceive ring length is defined by the
current value in this register. The
ring length can be defined as any
value from 1 to 65535.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR78: Transmit Ring Length
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 XMTRL
Transmit Ring Length. Contains
the two’s complement of the
transmit descriptor ring length.
This register is initialized during
the PCnet-PCI initialization rou-
tine based on the value in the
TLEN field of the initialization
block. However, this register can
be manually altered. The actual
transmit ring length is defined by
the current value in this register.
The ring length can be defined as
any value from 1 to 65535.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR80: DMA Transfer Counter and FIFO Thresh-
old Control
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–14
RES
Reserved locations. Read as
ones and written as ZERO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com