Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 4 Page - Analog Devices

  HMC700LP4 Datasheet HTML 1Page - Analog Devices HMC700LP4 Datasheet HTML 2Page - Analog Devices HMC700LP4 Datasheet HTML 3Page - Analog Devices HMC700LP4 Datasheet HTML 4Page - Analog Devices HMC700LP4 Datasheet HTML 5Page - Analog Devices HMC700LP4 Datasheet HTML 6Page - Analog Devices HMC700LP4 Datasheet HTML 7Page - Analog Devices HMC700LP4 Datasheet HTML 8Page - Analog Devices HMC700LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 4
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Pin number
Function
Description
1
ScK
Serial port clock input
2
SDi
Serial port data input
3
DVDD
Power supply pin for internal digital circuitry. nominally 3V
4
VDDio
Power Supply for digital i/o driver
5
LD_SDo
Lock Detect, Main Serial Data output
or Vco Serial Port Data out
6
D0
GPo output Bit 0, Vco Serial Port LE
when in Vco Serial Port Mode
7
D1
GPo output Bit 1, Vco Serial Port clock
when in Vco Serial Port Mode
8
DVDDM
Digital Power Supply for M-counter, nominally 3V
9
VccPS
analog Power Supply for Prescaler, nominally 3V
10
rFiP
input to the rF Prescaler. this small signal
input is ac-coupled to the external Vco.
11
rFin
complementary input to the rF Prescaler. For single-ended input
this point must be decoupled to the ground plane with a ceramic
bypass capacitor, typically 100 pF.
12
aVcc
analog Power supply pin for the rF Section.
a decoupling capacitor to the ground plane should
be placed as close as possible to this pin. nominally 3V
13
VDDcP
+5V Power Supply for charge pump digital section
14
VcccP
+5V Power Supply for the charge pump analog section
15
cP
charge pump output
16
VDDPFD
analog Power supply for the phase frequency detector, nominally 3V
17
BiaS [1]
External bypass decoupling for precision bias circuits, 1.920V ±20 mV [1]
18
aVDD
analog Power supply for analog ref paths, nominally 3V
19
rEFn
reference input (negative or decoupled)
20
rEFP
reference input (Positive)
21
rVDD
ref path supply
22
DVDDQ
Digital supply for Substrate, nominally 3V
23
cE
chip Enable
24
SEn
Serial port latch enable input
[1] notE: BiaS ref voltage cannot drive an external load. Must be measured with 10Gohm meter such as agilent 34410a, typical 10Mohm DVM
will read erroneously.
Pin Descriptions
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com