Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 5 Page - Analog Devices

  HMC700LP4 Datasheet HTML 1Page - Analog Devices HMC700LP4 Datasheet HTML 2Page - Analog Devices HMC700LP4 Datasheet HTML 3Page - Analog Devices HMC700LP4 Datasheet HTML 4Page - Analog Devices HMC700LP4 Datasheet HTML 5Page - Analog Devices HMC700LP4 Datasheet HTML 6Page - Analog Devices HMC700LP4 Datasheet HTML 7Page - Analog Devices HMC700LP4 Datasheet HTML 8Page - Analog Devices HMC700LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 5
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Figure 1.
Typical Phase Noise Plots
Figure 2.
Comparison of Low PFD Integer Mode
w/ High PFD Fractional at 1 GHz
Figure 3.
Typical Phase Noise Performance vs.
Charge Pump Output Voltage
Figure 4.
RF Divider Sensitivity vs. Frequency,
Mode and Temperature, +3.3V
Figure 5.
Example of Cycle Slip Prevention for
Frequency Hop from 5200 to 3950 MHz
Figure 6.
Typical Reference Sensitivity
vs. Frequency, 3.3V
-170
-160
-150
-140
-130
-120
-110
-100
-90
10
3
10
4
10
5
10
6
10
7
10
8
All Plots 50 MHz PFD
FREQUENCY OFFSET (Hz)
5800 MHz Integer
5801 MHz Fractional
2901 MHz Fractional
2900 MHz Integer
725 MHz Fractional
-50
-40
-30
-20
-10
0
10
20
0
50
100
150
200
250
300
FREQUENCY (MHz)
R = Max, +25C
R = 3, +85C
R = Max, +85C
R = 3, +25C
3900
4100
4300
4500
4700
4900
5100
5300
-10
0
10
20
30
40
50
60
70
TIME (USEC)
CSP ON
CSP OFF
-40
-30
-20
-10
0
10
20
0
2000
4000
6000
8000
10000
FREQUENCY (MHz)
INTEGER
FRACTIONAL
+25C
+85C
FRACTIONAL
INTEGER
-110
-105
-100
-95
-90
-85
-80
0
1
2
3
4
5
6
3800
4200
4600
5000
5400
FREQUENCY (MHz)
Phase Noise
Tuning Voltage
-170
-150
-130
-110
-90
-70
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY OFFSET (Hz)
-99.5dBc, 1GHz, 200kHz PFD = -226.4dBc FOM
Fractional Mode 25MHz PFD
Integer Mode 200kHz PFD
-107dBc, 1GHz, 25MHz PFD = -213dBc FOM
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com