Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 19 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 15Page - Analog Devices HMC700LP4 Datasheet HTML 16Page - Analog Devices HMC700LP4 Datasheet HTML 17Page - Analog Devices HMC700LP4 Datasheet HTML 18Page - Analog Devices HMC700LP4 Datasheet HTML 19Page - Analog Devices HMC700LP4 Datasheet HTML 20Page - Analog Devices HMC700LP4 Datasheet HTML 21Page - Analog Devices HMC700LP4 Datasheet HTML 22Page - Analog Devices HMC700LP4 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 19
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Table 9. Reg 02h REFDIV Register
Bit
name
Width
Default
Description
[13:0]
rdiv
14
1
reference Divider ’r’ Value (EQ 4)
00h - illegal
01h - divide-by-1 (bypass)
10h - divide-by-2
11h - divide-by-3 etc
...
3FFFh - divide-by-16, 383
the reference divider is controlled by several bits in register 8. See register 8 description
for details.
Table 10. Reg 03h Frequency Register - Integer Part
Bit
name
Width
Default
Description
[15:0]
intg
16
c8h
Vco Divider integer part, used in all modes, see (EQ 4)
Fractional Mode
min 36d
max 2ˆ16 -1 = 65,535d
Integer Mode
min 32d
max 2ˆ16+31 = 65,567d
Table 11. Reg 04h Frequency - Fractional Part Register
Bit
name
Width
Default
Description
[23:0]
frac
24
0
Vco Divider Fractional part (24 bit unsigned) see section
Fractional Frequency tuning
Used in Fractional Mode only
min 0d
max 2^24-1
Table 12. Reg 05h SD Seed Register
Bit
name
Width
Default
Description
[23:0]
seed
24
0
Fractional Mode: Seeds fractional modulator
FSK Mode: Sets f1 in FSK mode when fsk_enable=1 (see section FSK Modulation)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com