Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 7Page - Analog Devices HMC700LP4 Datasheet HTML 8Page - Analog Devices HMC700LP4 Datasheet HTML 9Page - Analog Devices HMC700LP4 Datasheet HTML 10Page - Analog Devices HMC700LP4 Datasheet HTML 11Page - Analog Devices HMC700LP4 Datasheet HTML 12Page - Analog Devices HMC700LP4 Datasheet HTML 13Page - Analog Devices HMC700LP4 Datasheet HTML 14Page - Analog Devices HMC700LP4 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 11
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
PFD Lock Detect (Continued)
Figure 12. Delayed Lock Detect Window
Cycle Slip Prevention (CSP)
When the Vco is not yet locked to the reference, the instantaneous frequencies of the two paths are different, and
the phase difference of the two paths at the PFD varies rapidly over a range much greater than ±2π radians. Since
the gain of the PFD varies linearly with phase up to ±2π, the gain of a conventional PFD will cycle from high gain,
when the phase difference approaches a multiple of 2π, to low gain, when the phase difference is slightly larger than
a multiple of 0 radians. the charge on the loop filter small cap may actually discharge slightly during the low gain
portion of the cycle. this can make the Vco frequency actually reverse temporarily during locking. this phenomena
is known as cycle slipping. cycle slipping causes the pull-in rate during the locking phase to vary cyclically as shown
in the red curve in Figure 13, and increases the time to lock to a value far greater than that predicted by normal small
signal Laplace analysis.
the HMc700LP4(E) PFD features an ability to virtually eliminate cycle slipping during acquisition. When enabled,
the cycle Slip Prevention (cSP) feature essentially holds the PFD gain at maximum until such time as the frequency
difference is near zero. cycle Slip Prevention, allows faster lock times as shown in Figure 13. the use of the cycle slip
feature is enabled with csp_enable (see table 14) .
the cycle Slip Prevention feature may be optimized for a given set of PLL dynamics by adjusting the PFD sensitivity
to cycle slipping. this is achieved by adjusting csp_corr_magn in table 13.
Figure 13. Cycle Slip Prevention (CSP)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com