Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 3 Page - Analog Devices

  HMC700LP4 Datasheet HTML 1Page - Analog Devices HMC700LP4 Datasheet HTML 2Page - Analog Devices HMC700LP4 Datasheet HTML 3Page - Analog Devices HMC700LP4 Datasheet HTML 4Page - Analog Devices HMC700LP4 Datasheet HTML 5Page - Analog Devices HMC700LP4 Datasheet HTML 6Page - Analog Devices HMC700LP4 Datasheet HTML 7Page - Analog Devices HMC700LP4 Datasheet HTML 8Page - Analog Devices HMC700LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 3
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Absolute Maximum Ratings
nominal 3V Supplies to GnD
-0.3V to +3.6V
nominal 3V Digital Supply to
3V analog Supply
-0.3V to +0.3V
nominal 5V Supply to GnD
-0.3V to +5.8V
Vco Divider input Single-Ended
+7 dBm
Vco Divide input Differential
+13 dBm
Maximum Junction temperature
+125 °c
continuous Power Diss. (t= 85° c)
(Derate 51 mW/°c above 85°c
3.3 W
thermal resistance (r1)
(junction to ground paddle)
19.7 °c/W
reflow Soldering
Peak temperature
time at Peak temperature
260 °c
40 Sec
operating temperature
-40 °c to +85 °c
Storage temperature range
-65 °c to +125 °c
ESD Sensitivity (HBM)
class 1B
Stresses above those listed under absolute Maximum
ratings may cause permanent damage to the device.
this is a stress rating only; functional operation of the
device at these or any other conditions above those
indicated in the operational section of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Electrical Specifications, VDDCP, VCCCP = 5V; RVDD, AVDD, DVDDM, VDDPFD, DVDD,
VDDIO, DVDDQ, VCCPS, AVCC = 3.3V ±5%; AGND = DGND = 0V
Parameter
conditions
Min
typ
Max
Units
Charge Pump
Max output current
2
ma
Min output current
500
µa
charge Pump noise
input referred, 50 MHz ref, 20 kHz
-145
dBc/Hz
Logic Inputs
ViH input High Voltage
VDDio-0.4
VDDio
V
ViL input Low Voltage
0
0.4
V
Logic Outputs
VoH input High Voltage
VDDio-0.4
VDDio
V
VoL input Low Voltage
0
0.4
V
Serial Port Max clock
50
MHz
Power Supplies
rVDD, aVDD, VDDPFD,
aVcc, VccPS - analog supply
aVDD should equal DVDD
2.7
3.3
3.4
V
DVDD, DVDDM, DVDDQ, VDDio – Digital Supply
all must be equal
2.7
3.3
3.4
V
VDDcP, VcccP
charge Pump Supplies
VcccP and VDDcP must be equal
4.5
5
5.5
V
total current consumption (5V)
6 GHz operation
5.5
7
ma
total current consumption (3V)
6 GHz operation
90
110
ma
Power Down current
1
10
µa
Bias Reference Voltage
Measured with 10 G ohm Meter
1.880
1.920
1.960
V
Phase Noise
6 GHz Vco, integer Mode
20kHz offset, 50 MHz fPFD
-108
dBc/Hz
6 GHz Vco, Fractional Mode
20kHz offset, 50 MHz fPFD
-103
dBc/Hz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com