Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 23 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 18Page - Analog Devices HMC700LP4 Datasheet HTML 19Page - Analog Devices HMC700LP4 Datasheet HTML 20Page - Analog Devices HMC700LP4 Datasheet HTML 21Page - Analog Devices HMC700LP4 Datasheet HTML 22Page - Analog Devices HMC700LP4 Datasheet HTML 23Page - Analog Devices HMC700LP4 Datasheet HTML 24Page - Analog Devices HMC700LP4 Datasheet HTML 25Page - Analog Devices HMC700LP4 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 23
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Table 17. Reg 0Ah CP Op Amp Register
Bit
name
Width
Default
Description
[1:0]
cp_opamp_bias_sel
2
0
charge Pump internal op-amp bias select
00 - 540 µa
01 - 689 µa
10 - 943 µa
11 - 1503 µa
Enabled with chg Pump enable
note: this circuit affects internal charge pump operation and linearity. Default
setting is recommended. Enabled with reg08h[1] cp_en
Table 18. Reg 0Bh PFD Register
Bit
name
Width
Default
Description
[2:0]
pfd_del_sel
3
0
sets PFD reset path delay. recommended value 010
When in integer mode, reg B Bits [2:0] should not be 000 because it doesn’t
ensure sufficient ‘on’ time for the cP at 50MHz. this isn’t an issue in Fractional
Mode;
[3]
pfd_phase_sel
1
0
Swaps the PFD inputs
1 negative Vco tuning slope
0 positive Vco tuning slope
[4]
pfd_up_en
1
1
enables the PFD UP output according to state of
pfd_mute_when_locked_enable, see Reg0B<9>
[5]
pfd_dn_en
1
1
enables the PFD Dn output according to state of
pfd_mute_when_locked_enable, see Reg0B<9>
[6]
pfd_LD_opEn
1
1
pfd Lock Detect output Enable, enables Lock Detect flag output to LD_SDo pin
[7]
pfd_pullup_ctrl
1
0
Forces PFD UP output on
[8]
pfd_puldn_ctrl
1
0
Forces PFD Dn output on
[9]
pfd_mute_when_locked_
enable
1
0
1: if set:
when locked disables UP if pfd_up_en=0
when locked disables Dn if pfd_dn_en=0
when not locked, allows both UP and Dn to be active and ignores pdf_up_en
and pfd_dn_en
0: if clear, pfd_dn_en and pfd_up_en enable UP and Dn
outputs at all times
[10]
spare0
1
0
reserved
[11]
spare1
1
1
reserved
Table 19. Reg 0Ch VCO SPI Register
Bit
name
Width
Default
Description
[9:0]
vcospi_vco_data
10
0
data register contents, when written automatically outputs
this data via Vco SPi when to_gpo_sdo=1 Reg09<7>
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com