Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 22 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 18Page - Analog Devices HMC700LP4 Datasheet HTML 19Page - Analog Devices HMC700LP4 Datasheet HTML 20Page - Analog Devices HMC700LP4 Datasheet HTML 21Page - Analog Devices HMC700LP4 Datasheet HTML 22Page - Analog Devices HMC700LP4 Datasheet HTML 23Page - Analog Devices HMC700LP4 Datasheet HTML 24Page - Analog Devices HMC700LP4 Datasheet HTML 25Page - Analog Devices HMC700LP4 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 22
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Table 16. Reg 09h CP Register
Bit
name
Width
Default
Description
[1:0]
reserved set them to 0
2
0
[4:2]
cp_UPoffset_sel
3
0
charge Pump UP offset control 55ua/step
000 = 0ua
001 = 55ua
010 = 110ua
...
111 = 385ua
[6:5]
reserved Set them to 0
2
0
[9:7]
cp_Dnoffset_sel
3
0
charge Pump Dn offset control 55ua/step
000 = 0ua
001 = 55ua
010 = 110ua
...
111 = 385ua
[13:10]
cfg cp_UPtrim_sel
4
0
charge Pump UP current trim 7ua/step
0000 = 0ua
0001 = 7ua
0010 = 14ua
0100 = 28ua
1000 = 56ua
1111 = 105ua
[17:14]
cp_Dntrim_sel
4
0
charge Pump Dn current trim 7ua/step
0000 = 0ua
0001 = 7ua
0010 = 14ua
0100 = 28ua
1000 = 56ua
1111 = 105ua
[20:18]
cp_UPcurrent_sel
3
0
charge Pump UP Main current control 500ua step
000 tristate if PFD also disabled
001 500ua
010 1000ua
011 1500ua
100 2000ua
101 2000ua
110 2000ua
111 2000ua
[23:21]
cp_Dncurrent_sel
3
0
charge Pump UP Main current control 500ua step
000 tristate if PFD also disabled
001 500ua
010 1000ua
011 1500ua
100 2000ua
101 2000ua
110 2000ua
111 2000ua
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com