Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 26 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 26 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 18Page - Analog Devices HMC700LP4 Datasheet HTML 19Page - Analog Devices HMC700LP4 Datasheet HTML 20Page - Analog Devices HMC700LP4 Datasheet HTML 21Page - Analog Devices HMC700LP4 Datasheet HTML 22Page - Analog Devices HMC700LP4 Datasheet HTML 23Page - Analog Devices HMC700LP4 Datasheet HTML 24Page - Analog Devices HMC700LP4 Datasheet HTML 25Page - Analog Devices HMC700LP4 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 26
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Outline Drawing
Part number
Package Body Material
Lead Finish
MSL rating
Package Marking [3]
HMc700LP4
Low Stress injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H700
XXXX
HMc700LP4(E)
roHS-compliant Low Stress injection Molded Plastic
100% matte Sn
MSL1
[2]
H700
XXXX
[1] Max peak reflow temperature of 235 °c
[2] Max peak reflow temperature of 260 °c
[3] 4-Digit lot number XXXX
Package Information
notES:
1. LEaDFraME MatEriaL: coPPEr aLLoY
2. DiMEnSionS arE in incHES [MiLLiMEtErS].
3. LEaD SPacinG toLErancE iS non-cUMULatiVE
4. PaD BUrr LEnGtH SHaLL BE 0.15mm MaXiMUM.
PaD BUrr HEiGHt SHaLL BE 0.05mm MaXiMUM.
5. PacKaGE WarP SHaLL not EXcEED 0.05mm.
6. aLL GroUnD LEaDS anD GroUnD PaDDLE MUSt
BE SoLDErED to PcB rF GroUnD.
7. rEFEr to HittitE aPPLication notE For SUGGEStED
PcB LanD PattErn.
Evaluation PCB
Please reference HMc700LP4 Product note for information on Evaluation PcB kit and List of Materials.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com