Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 6Page - Analog Devices HMC700LP4 Datasheet HTML 7Page - Analog Devices HMC700LP4 Datasheet HTML 8Page - Analog Devices HMC700LP4 Datasheet HTML 9Page - Analog Devices HMC700LP4 Datasheet HTML 10Page - Analog Devices HMC700LP4 Datasheet HTML 11Page - Analog Devices HMC700LP4 Datasheet HTML 12Page - Analog Devices HMC700LP4 Datasheet HTML 13Page - Analog Devices HMC700LP4 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 10
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
PFD Jitter and Lock Detect Background (Continued)
in summary, the lock detect circuit must not interpret fractional modulation or normal phase noise related jitter as
being out of lock, while at the same time declaring loss of lock when truly out of lock.
PFD Lock Detect
lkd_enable in table 14 enables the lock detect functions of the HMc700LP4(E).
the Lock Detect circuit in the HMc700LP4(E) places a one shot window around the reference. the one shot window
may be generated by either an analog one shot circuit or a digital one shot based upon an internal ring oscillator.
clearing ringosc_oneshot_sel (table 14) will result in a fixed analog based nominal 10 nsec window, as shown in
Figure 11. Setting ringosc_oneshot_sel will result in a variable length widow based upon a high frequency internal ring
oscillator. the ring oscillator frequency is controlled by ringosc_cfg. the resulting lock detect window period is then
generated by the number of ring oscillator periods defined in oneshot_duration, both in (table 14).
wincnt_max in table 14 defines the number of consecutive counts of the divided Vco that must land inside the lock
detect window to declare lock. if for example we set wincnt_max = 1000 , then the Vco arrival would have to occur
inside the ±10 nsec widow 1000 times in a row to be declared locked, which results in a Lock Detect Flag high. a single
occurrence outside of the window will result in an out of lock, i.e. Lock Detect Flag low. once low, the Lock Detect Flag
will stay low until the wincnt_max =1000 condition is met again.
the Lock Detect Flag is output to LD_SDo pin according to pfd_LD_opEn (table 18) or to the internal SPi read only
register if locked = 1 (table 21). Setting pfd_LD_opEn will display the Lock Detect Flag on LD_SDo except when a
serial port read is requested, in which case the pin reverts temporarily to the Serial Data out pin, and returns to the
Lock Detect Flag after the read is completed. timing of the Lock Detect and Serial Data out functions are shown in
Figure 11.
Figure 11. Normal Lock Detect Window
When operating in fractional mode the linearity of the charge pump and phase detector are much more critical than in
integer mode. the phase detector linearity is worse when operated with zero phase offset. Hence in fractional mode
it is necessary to offset the phase of the PFD reference and the Vco at the phase detector. in such a case, for
example with an offset delay, as shown in Figure 12, the Vco arrival will always occur after the reference. the
lock detect circuit can accommodate a fixed offset delay by setting lkd_win_asym_enable and win_asym_up_sel in
table 14. Similarly the offset can be in advance of the reference by clearing lkd_win_asym_up_sel while leaving
lkd_win_asym_enable set both in table 14. there are certain conditions, such as operating near the supply limits of
the charge pump which make it advantageous to use advanced or delayed phase offset, hence both are available.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com