Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 24 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 24 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 18Page - Analog Devices HMC700LP4 Datasheet HTML 19Page - Analog Devices HMC700LP4 Datasheet HTML 20Page - Analog Devices HMC700LP4 Datasheet HTML 21Page - Analog Devices HMC700LP4 Datasheet HTML 22Page - Analog Devices HMC700LP4 Datasheet HTML 23Page - Analog Devices HMC700LP4 Datasheet HTML 24Page - Analog Devices HMC700LP4 Datasheet HTML 25Page - Analog Devices HMC700LP4 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 24
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Table 20. Reg 0Dh GPO_SPI_RDIV Register
Bit
name
Width
Default
Description
[3:0]
gpo_select
4
10d
test signals selected here are output to gpo pins when
gpo_pads_en=1 (table 15)
D1 & D0
0: clk_vcodiv & clk_refdiv
1: pfd_up & pfd_dn
2: refout & refDivout
3: seed_stb_sypulse_test & frac_stb_sypulse_test
4: intg_inbuff_enable_test & clk_sd
5: oneshot_trigg_test & oneshot_pulse_test
6: ‘0’ & ringosc_test
7: csp_corr_add & csp_corr_sub
8: pfd_sat_refdiv & pfd_sat_vcodiv
9: (csp_corr_add or csp_corr_sub) & pfd_sat_rstb
10: gpo_test , see reg0D<5:4>
11: not used
12: not used
13: not used
14: not used
15: not used
[5:4]
gpo_test
2
0
data written to this register is output to D0 and D1 pins when gpo_select = 10d
[6]
refclkdiv4
1
0
1: sel ref divby4 for clocking the vco_spi
0: sel ref divby1 for clocking the vco_spi
[7]
to_gpo_sdo
1
0
enable the automatic output of vcospi_vco_data to LD_SDo
output Vco_SPi clock to D1 (see Reg0D<6>)
output Vco_SPi En to D0
Table 21. Reg 0Fh LD State Register (Read Only)
Bit
name
Width
Default
Description
[0]
locked
1
0
read only Lock Detect flag, 1 when locked
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com