Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 3Page - Analog Devices HMC700LP4 Datasheet HTML 4Page - Analog Devices HMC700LP4 Datasheet HTML 5Page - Analog Devices HMC700LP4 Datasheet HTML 6Page - Analog Devices HMC700LP4 Datasheet HTML 7Page - Analog Devices HMC700LP4 Datasheet HTML 8Page - Analog Devices HMC700LP4 Datasheet HTML 9Page - Analog Devices HMC700LP4 Datasheet HTML 10Page - Analog Devices HMC700LP4 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 7
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Reference Input Stage
the reference input provides the path from the external reference source to the phase detector. the input stage of the
reference path is shown in Figure 8. HMc700LP4(E) is a Dc coupled, common emitter differential nPn buffer. input
pins have 1.8V bias on them. Expected input is full swing 3V cMoS. Slightly degraded phase noise performance may
result with quasi sine or sine inputs. input reference should have a noise floor better than -155 dBc/Hz at 50MHz to
avoid degradation of the input reference path. the input reference path phase noise floor is approximately equivalent to
-155 dBc/Hz. this input should be well isolated from the Vco for best spurious performance in fractional mode.
Figure 8. Reference Path Input Stage
Ref Path ’R’ Divider
the reference path “r” divider is based on a 14 bit counter and can divide input signals of up to 220 MHz input by
values from 1 to 16,383 and is controlled by rdiv (table 9).
RF Input Stage
the rF input stage provides the path from the external Vco to the phase detector via the fractional divider. the rF
input path is rated to operate nominally from 100 MHz to 8 GHz. the HMc700LP4(E) rF input stage is a differential
common emitter stage with Dc coupling, and is protected by ESD diodes as shown in Figure 9. the rF input stage is
internally matched from a single ended 50 ohm source above about 3.5 GHz, with the complimentary input grounded.
if a better match is required at low frequency a simple shunt 50ohm resistor can be used external to the package.
the rF input stage has excellent sensitivity (see figure 4). Excessive drive levels can result in more coupling and
spurious products in fractional mode. -10 dBm is a recommended drive level.
Figure 9. RF Input Stage
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com