Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 8 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 4Page - Analog Devices HMC700LP4 Datasheet HTML 5Page - Analog Devices HMC700LP4 Datasheet HTML 6Page - Analog Devices HMC700LP4 Datasheet HTML 7Page - Analog Devices HMC700LP4 Datasheet HTML 8Page - Analog Devices HMC700LP4 Datasheet HTML 9Page - Analog Devices HMC700LP4 Datasheet HTML 10Page - Analog Devices HMC700LP4 Datasheet HTML 11Page - Analog Devices HMC700LP4 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 8
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
RF Path ’N’ Divider
the main rF path divider is capable of average divide ratios between 216 -1 (65,535) and 36 in fractional mode, and
216 + 31 (65,567) to 32 in integer mode.
Charge Pump and Phase Frequency Detector
the Phase Frequency Detector or PFD has two inputs, one from the reference path divider and one from the rF path
divider. When in lock these two inputs are at the same average frequency and are fixed at a constant average phase
offset with respect to each other. We refer to the frequency of operation of the PFD as ƒPFD. Most formula related to
step size, delta-sigma modulation, timers etc., are functions of the operating frequency of the PFD, ƒPFD. the PFD
compares the phase of the rF path signal with that of the reference path signal and controls the charge pump output
current as a linear function of the phase difference between the two signals. the output current varies linearly over a
full ±2π radians input phase difference.
PFD Test Functions
Phase detector registers are mainly used in test. pfd_phase_sel in table 18 reverses the polarity of the phase
detector, to allow for negative slope Vco or inverting op-amp in the loop filter.
pfd_up_en in table 18 allows masking of the PFD up output, which effectively prevents the charge pump
from pumping up.
pfd_dn_en in table 18 allows masking of the PFD down output, which effectively prevents the charge pump
from pumping down.
De-asserting both pfd_up_en and pfd_dn_en effectively tri-states the charge pump while leaving all other
functions operating internally.
PFD Jitter and Lock Detect Background
in normal phase locked operation the divided Vco signal arrives at the phase detector in phase with the divided
crystal signal, known as the PFD reference signal. Despite the fact that the device is in lock, the phase of the Vco
signal and the PFD reference signal vary in time due to the phase noise of the reference and Vco oscillators, the loop
bandwidth used and the presence of fractional modulation or not. the total integrated noise from the Vco normally
dominates the variations in the two arrival times at the phase detector in integer mode.
if we wish to detect if the Vco is in lock or not we need to distinguish between normal phase jitter when in lock and
phase jitter when not in lock.
First, we need to understand what is the jitter of the synthesizer, measured at the phase detector in integer or fractional
modes.
the standard deviation of the arrival time of the Vco signal, or the jitter, in integer mode may be estimated with a
simple approximation if we assume that the locked Vco has a constant phase noise, Ф2 (ƒ0), at offsets less than
the loop 3 dB bandwidth and a 20 dB per decade rolloff at greater offsets. the simple locked Vco phase noise
approximation is shown in Figure 10.
Figure 10. Synthesizer Phase Noise & Jitter
Ф2 (ƒ0)
Ф2 (ƒ0)
r2/Hz
ƒ0
B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com