Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 10Page - Analog Devices HMC700LP4 Datasheet HTML 11Page - Analog Devices HMC700LP4 Datasheet HTML 12Page - Analog Devices HMC700LP4 Datasheet HTML 13Page - Analog Devices HMC700LP4 Datasheet HTML 14Page - Analog Devices HMC700LP4 Datasheet HTML 15Page - Analog Devices HMC700LP4 Datasheet HTML 16Page - Analog Devices HMC700LP4 Datasheet HTML 17Page - Analog Devices HMC700LP4 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 14
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
FSK Modulation
the HMc700LP4(E) is capable of a simple binary Frequency Shift Keying (FSK) modulation. the internal modulation
is unshaped FSK. the loop bandwidth of the synthesizer must be fixed by the user to achieve symbol shaping as
required.
When the FSK mode of operation is enabled, via fsk_enable (table 13), and SEn is held low, the synthesizer will
output binary FSK frequency hops in response to data input on the SDi pin. When SEn is set, the FSK modulation will
stop and return to f0. ScK must not be toggled when transmitting data in FSK mode.
FSK modulation is normally defined by a deviation, Δƒ, and a modulation rate, ƒm. the deviation is defined as the
difference between the frequency transmitted when input data is 0, ƒ0, and the frequency transmitted when the input
data is 1, ƒ1.
ƒo
is the frequency programmed in the frequency registers as was defined in (EQ 4),
that is:
ƒ1
is the fractional frequency achieved by adding the value in the seed register to the
value in the frac register, that is:
Where
Nint
is the integer division ratio, an integer number between 36 and 65,567 (see integer
register)
Nfrac
is the fractional part, a number from 1 to 224
Nseed
is the seed part, a number from 1 to 224
R
is the reference path division ratio
ƒref
is the frequency of the external reference input
in this case the deviation Δf is given simply by
FSK data bits on SDi will be latched into the synthesizer on the falling edge of the divided reference rate, ƒPFD. if for
example r=1, and ƒref = 50 MHz, the input FSK data would be oversampled every 20nsec on the falling edge of the
input reference.
the ƒm rate of the FSK data is simply the inverse of twice the period of the data bits. For example, if the data bit period
is 1msec the fm rate is 500 Hz.
if an unshaped binary FSK is desired, the closed loop bandwidth of the synthesizer should be larger than the ƒm
rate by a sufficient margin. For practical FSK transmissions the ƒm rate is limited by the radio link budget, channel
spectral emission restrictions and practical closed loop bandwidths of the fractional synthesizer.
(EQ 7)
(EQ 8)
(EQ 9)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com