Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 9Page - Analog Devices HMC700LP4 Datasheet HTML 10Page - Analog Devices HMC700LP4 Datasheet HTML 11Page - Analog Devices HMC700LP4 Datasheet HTML 12Page - Analog Devices HMC700LP4 Datasheet HTML 13Page - Analog Devices HMC700LP4 Datasheet HTML 14Page - Analog Devices HMC700LP4 Datasheet HTML 15Page - Analog Devices HMC700LP4 Datasheet HTML 16Page - Analog Devices HMC700LP4 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 13
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Fractional Mode
Fractional Frequency Tuning
the HMc700LP4(E) synthesizer in fractional mode can achieve frequencies at fractional multiples of the reference.
the output frequency of the synthesizer is given by
Where
Nint
is the integer division ratio, an integer number between 36 and 65,567 (see intg table 10)
Nfrac
is the fractional part, a number from 1 to 224 see frac table 11
R
is the reference path division ratio, see rdiv table 9
ƒxtal
is the frequency of the reference oscillator input
ƒPFD
is the PFD operating frequency ƒxtal
/R
as an Example
ƒxtal
= 50 MHz
R
= 1
ƒPFD
= 50 MHz
Nint
= 45
Nfrac
= 1
in this example the output frequency of 2,300,000,002.98 Hz is achieved by programming the 10 bit binary value of
46d =2Eh = 0000 0000 0010 1110 into intg in table 13.
Similarly the 24 bit binary value of the fractional word is written into frac in table 11,
16,777,215d = FFF FFFh = 1111 1111 1111 1111 1111 1111
1d = 000 001h = 0000 0000 0000 0000 0000 0001
Example 2: Set the output to 4.600 025 GHz using a 100 MHz reference, r=2.
Find the nearest integer value, nint, nint = 92, fint = 4.600 000 GHz
this leaves the fractional part to be ƒfrac =25 kHz
Since nfrac must be an integer number, the actual fractional frequency will be 4,600,025,001.17Hz, an error of 1.17Hz
or 0.00025ppm.
Here we program the 16 bit nint = 92d = 5ch = 0000 0000 0101 1100 and
the 24 bit nfrac = 8389d = 20c5h = 0000 0010 0000 1100 0101
in addition to the above frequency programming words, the fractional mode must be enabled by setting frac_rstb and
buff_rstb table 13. other DSM configuration registers should be set to the recommended register values.
(EQ 4)
(EQ 5)
(EQ 6)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com