Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 20 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 16Page - Analog Devices HMC700LP4 Datasheet HTML 17Page - Analog Devices HMC700LP4 Datasheet HTML 18Page - Analog Devices HMC700LP4 Datasheet HTML 19Page - Analog Devices HMC700LP4 Datasheet HTML 20Page - Analog Devices HMC700LP4 Datasheet HTML 21Page - Analog Devices HMC700LP4 Datasheet HTML 22Page - Analog Devices HMC700LP4 Datasheet HTML 23Page - Analog Devices HMC700LP4 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 20
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Table 13. Reg 06h SD CFG Register
Bit
name
Width
Default
Description
[7:0]
reserved
87h
[9:8]
order
2
2h
Select the Modulator type
0 - not used
1 - not used
2 - type B
3 - type a
[10]
frac_rstb
1
1
0 holds the frac core in reset
reset is used for integer mode or integer mode with cSP
[11]
buff_rstb
1
1
0 holds the frac core buffers in reset
reset is used with frac_rstb=0 for integer mode, no cSP
[12]
bypass_mode
1
0
1 fractional modulator output is ignored, but fractional modulator
continues to be clocked, used to test the isolation of the
digital fractional modulator from the Vco output in integer
mode
[13]
autoseed_mode
1
1
loads the seed whenever the frac register is written
[14]
reserved
1
0
Must be kept at 0
[15]
fsk_enable
1
0
enables the FSK mode of operation and FSK input on SDi
pin, (see section FSK Modulation)
[16]
reserved
1
0
[17]
clkrq_refdiv_sel
1
0
selects the SD clock source
1 = reference divider clock
0 = Vco divider clock (recommended)
[18]
clkrq_invert_clk
1
1
inverts the selected sd clock
[19]
sd_spare_out
1
0
spare
[23:20]
csp_corr_magn
4
8h
cSP magnitude correction (see section cycle Slip Prevention (cSP))
0000 low magnitude
1111 high magnitude
sign of the correction is determined automatically by the cSP state machine
note: to Enable Frac Mode:
Set reg 6 [12:10]= 011
also, reg 9[9:7] or reg 9[4:2] must be adjusted to mitigate spurs in frac mode (Dn or Up Leakage)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com