Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 17 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 13Page - Analog Devices HMC700LP4 Datasheet HTML 14Page - Analog Devices HMC700LP4 Datasheet HTML 15Page - Analog Devices HMC700LP4 Datasheet HTML 16Page - Analog Devices HMC700LP4 Datasheet HTML 17Page - Analog Devices HMC700LP4 Datasheet HTML 18Page - Analog Devices HMC700LP4 Datasheet HTML 19Page - Analog Devices HMC700LP4 Datasheet HTML 20Page - Analog Devices HMC700LP4 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 17
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Figure 15. Serial Port Timing Diagram - Write Serial Port WRITE Operation
Serial Port READ Operation
a typical rEaD cycle is shown in Figure 16.
a. the Master (host) asserts both SEn (Serial Port Enable) and SDi to indicate a rEaD cycle, followed
by a rising edge ScK. note: the Lock Detect function is multiplexed onto the LD_SDo pin. it is
suggested that lock detect (LD) only be considered valid when SEn is low. in fact LD will not toggle
until the first active data bit toggles on LD_SDo, and will be restored immediately after the trailing
edge of the LSB of serial data out as shown in Figure 15.
b. the slave (synthesizer) reads SDi on the 1st rising edge of ScK after SEn. SDi high initiates the
rEaD cycle (rD).
c. Host places the six address bits on the next six falling edges of ScK, MSB first.
d. Slave registers the address bits on the next six rising edges of ScK (2-7).
e. Slave switches from Lock Detect and places the requested 24 data bits on SD_LDo on the next 24
rising edges of ScK (8-31), MSB first .
f. Host registers the data bits on the next 24 falling edges of ScK (8-31).
g. Slave restores Lock Detect on the 32nd rising edge of ScK.
h. SEn is de-asserted on the 32nd falling edge of ScK.
i. the 32nd falling edge of ScK completes the rEaD cycle.
Figure 16. Serial Port Timing Diagram - READ Serial Port Operation
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com