Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 16 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC700LP4 Datasheet HTML 12Page - Analog Devices HMC700LP4 Datasheet HTML 13Page - Analog Devices HMC700LP4 Datasheet HTML 14Page - Analog Devices HMC700LP4 Datasheet HTML 15Page - Analog Devices HMC700LP4 Datasheet HTML 16Page - Analog Devices HMC700LP4 Datasheet HTML 17Page - Analog Devices HMC700LP4 Datasheet HTML 18Page - Analog Devices HMC700LP4 Datasheet HTML 19Page - Analog Devices HMC700LP4 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 16
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
it is also possible to leave various blocks on when in Power Down (see table 8), including:
a. Digital clocks
b. internal bias reference sources
c. PFD block
d. charge Pump Block
e. reference Path buffer
f. Vco Path buffer
g. Digital i/o test pads
Chip Identification
the version of the synthesizer is described in Table 6. Version information may be read from the synthesizer by
reading the content of chip_ID in reg 00h.
SERIAL PORT
typical serial port operation can be run with ScK at speeds up to 50MHz.
Serial Port WRITE Operation
Table 4. Timing Characteristics
Parameter
conditions
Min
typ
Max
Units
t1
SEn to ScK Setup time
8
nsec
t2
SDi to ScK Setup time
5
nsec
t3
SDi to ScK Setup time
5
nsec
tsck
ScK period
20
nsec
t4
ScK High Duration
8
nsec
t5
ScK Low Duration
8
nsec
t6
SEn High Duration
640
nsec
t7
SEn Low Duration
20
nsec
a typical WritE cycle is shown in Figure 15.
a. the Master (host) both asserts SEn (Serial Port Enable) and clears SDi to indicate a WritE cycle,
followed by a rising edge of ScK.
b. the slave (synthesizer) reads SDi on the 1st rising edge of ScK after SEn. SDi low initiates the Write
cycle (/Wr).
c. Host places the six address bits on the next six falling edges of ScK, MSB first.
d. Slave registers the address bits in the next six rising edges of ScK (2-7).
e. Host places the 24 data bits on the next 24 falling edges of ScK, MSB first .
f. Slave registers the data bits on the next 24 rising edges of ScK (8-31).
g. SEn is de-asserted on the 32nd falling edge of ScK.
h. the 32nd falling edge of ScK completes the cycle.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com