Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC700LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC700LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC700LP4 Datasheet HTML 1Page - Analog Devices HMC700LP4 Datasheet HTML 2Page - Analog Devices HMC700LP4 Datasheet HTML 3Page - Analog Devices HMC700LP4 Datasheet HTML 4Page - Analog Devices HMC700LP4 Datasheet HTML 5Page - Analog Devices HMC700LP4 Datasheet HTML 6Page - Analog Devices HMC700LP4 Datasheet HTML 7Page - Analog Devices HMC700LP4 Datasheet HTML 8Page - Analog Devices HMC700LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 1
HMC700LP4 / 700LP4E
v11.0411
8 GHz 16-Bit Fractional-N PLL
Features
Functional Diagram
• 8 GHz, 16 bit prescaler
• Fractional or integer Modes
• Ultra Low Phase noise
6 GHz; 50 MHz ref.
-103 / -108 dBc/Hz @ 20 kHz
(Frac / integer)
Figure of Merit (FoM)
-221 / -226 dBc/Hz (Frac / integer)
• 24 bit step size resolution, 3 Hz typ
• 200 MHz, 14bit reference path input
• Direct FSK Modulation Mode
• cycle Slip Prevention
• read / Write Serial Port, chip iD
• 24 Lead 4x4mm SMt Package: 16mm²
Typical Applications
• Base Stations for Mobile radio
• WiMaX
• test & Measurement
• catV Equipment
• Phased array applications
• Simple FSK Links
• DDS replacement
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC700LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC700LP4 HITTITE-HMC700LP4 Datasheet
882Kb / 26P
8 GHz 16-Bit Fractional-N PLL
HMC700LP4E HITTITE-HMC700LP4E Datasheet
882Kb / 26P
8 GHz 16-Bit Fractional-N PLL
More results

Similar Description - HMC700LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
8 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
14 GHz 16-Bit Fractional-N Synthesizer
HMC701LP6C HITTITE-HMC701LP6C_10 Datasheet
1Mb / 46P
8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC702LP6CE HITTITE-HMC702LP6CE_10 Datasheet
1Mb / 46P
14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC700LP4 HITTITE-HMC700LP4 Datasheet
882Kb / 26P
8 GHz 16-Bit Fractional-N PLL
HMC702LP6CE HITTITE-HMC702LP6CE_11 Datasheet
1Mb / 36P
14 GHz 16-BIT FRACTIONAL-N PLL
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
8 GHz fractionaL-N PLL
logo
Analog Devices
HMC702LP6CE AD-HMC702LP6CE Datasheet
1Mb / 38P
14 GHz 16-BIT FRACTIONAL-N PLL
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
8 GHZ FRACTIONAL-N PLL
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
1/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com