Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 27Page - Analog Devices AD9142ABCPZ Datasheet HTML 28Page - Analog Devices AD9142ABCPZ Datasheet HTML 29Page - Analog Devices AD9142ABCPZ Datasheet HTML 30Page - Analog Devices AD9142ABCPZ Datasheet HTML 31Page - Analog Devices AD9142ABCPZ Datasheet HTML 32Page - Analog Devices AD9142ABCPZ Datasheet HTML 33Page - Analog Devices AD9142ABCPZ Datasheet HTML 34Page - Analog Devices AD9142ABCPZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
AD9142A
Data Sheet
RESETTING THE FIFO
Upon power-on of the device, the read and write pointers start
to roll around the FIFO from an arbitrary slot; consequently, the
FIFO depth is unknown. To avoid a concurrent read and write
to the same FIFO address and to assure a fixed pipeline delay
from power-on to power-on, it is important to reset the FIFO
pointers to a known state each time the device powers on or
wakes up. This state is specified in the requested FIFO level
(FIFO depth and FIFO level are used interchangeably in this
data sheet), which consists of two sections: the integer FIFO
level and the fractional FIFO level.
The integer FIFO level represents the difference of the states
between the read and write points in the unit of an input data
period (1/fDATA). The fractional FIFO level represents the
difference of the FIFO pointers that is smaller than the input
data period. The resolution of the fractional FIFO level is the
input data period divided by the interpolation ratio and, thus, it
is equal to one DACCLK cycle.
The exact FIFO level, that is, the FIFO latency, can be calculated
by
FIFO Latency = Integer Level + Fractional Level
Because the FIFO has eight data slots, there are eight possible
FIFO integer levels. The maximum supported interpolation rate
in the AD9142A is 8× interpolation. Therefore, there are eight
possible FIFO fractional levels. Two 3-bit registers in Register 0x23
are assigned to represent the two FIFO levels, as follows:
Bits[6:4] represent the FIFO integer level
Bits[2:0] represent the FIFO fractional level.
For example, if the interpolation rate is 4× and the total FIFO
depth is 4.5 input data periods, set the FIFO_LEVEL_CONFIG
(Register 0x23) to 0x42 (4 here means four data cycles and 2
means two DAC cycles, which is half of a data cycle). Note that
there are only four possible fractional levels in the case of 4×
interpolation. Table 17 shows additional examples of configuring
the FIFO level in various interpolation rate modes.
Table 17. Examples of FIFO Level Configuration
Interpolation
Rate
Example FIFO
Level (1/fDATA)
Integer Level
(Reg. 0x23[6:4])
Fractional Level
(Reg. 0x23[2:0])
3 + 1/2
3
1
4 + 1/4
4
1
4 + 3/8
4
3
By default, the FIFO level is 4.0. It can be programmed to any
allowed value from 0.0 to 7.x. The maximum allowed number
for x is the interpolation rate minus 1. For example, in 8×
interpolation, the maximum value allowed for x is 7.
The following two ways are used to reset the FIFO and initialize
the FIFO level:
Serial port (SPI) initiated FIFO reset.
Frame initiated FIFO reset.
SERIAL PORT INITIATED FIFO RESET
A SPI initiated FIFO reset is the most common method to reset
the FIFO. To initialize the FIFO level through the serial port,
toggle FIFO_SPI_RESET_REQUEST (Register 0x25[0]) from
0 to 1 and back to 0. When the write to this register is complete,
the FIFO level is initialized to the requested FIFO level and the
readback of FIFO_SPI_RESET_ACK (Register 0x25[1]) is set
to 1. The FIFO level readback, in the same format as the FIFO
level request, should be within ±1 DACCLK cycle of the
requested level. For example, if the requested value is 0x40 in
4× interpolation, the readback value should be one of the
following: 0x33, 0x40, or 0x41. The range of ±1 DACCLK cycle
indicates the default DAC latency uncertainty from power-on
to power-on without turning on synchronization.
The recommended procedure for a serial port FIFO reset is as
follows:
1. Configure the DAC in the desired interpolation mode
(Register 0x28[1:0]).
2. Ensure that the DACCLK and DCI are running and stable
at the clock inputs.
3. Program Register 0x23 to the customized value, if the
desired value is not 0x40.
4. Request the FIFO level reset by setting Register 0x25[0] to 1.
5. Verify that the device acknowledges the request by setting
Register 0x25[1] to 1.
6. Remove the request by setting Register 0x25[0] to 0.
7. Verify that the device drops the acknowledge signal by
setting Register 0x25[1] to 0.
8. Read back Register 0x24 multiple times to verify that the
actual FIFO level is set to the requested level and that the
readback values are stable. By design, the readback is
within ±1 DACCLK around the requested level.
FRAME INITIATED FIFO RESET
The frame input has two functions. One function is to indicate
the beginning of a byte stream in the byte interface mode, as
discussed in the Data Interface section. The other function is
to initialize the FIFO level by asserting the frame signal high
for at least the time interval required to load complete data to
the I and Q DACs. This corresponds to one DCI period in word
interface mode and two DCI periods in byte interface mode.
Note that this requirement of the frame pulse length is longer
than that of the frame signal when it serves only to assemble the
byte stream. The device accepts either a continuous frame or a
one shot frame signal.
In the continuous reset mode, the FIFO responds to every valid
frame pulse and resets itself. In the one shot reset mode, the
FIFO responds only to the first valid frame pulse after the
FRAME_RESET_MODE bits (Register 0x22[1:0]) are set.
Therefore, even with a continuous frame input, the FIFO resets
one time only; this prevents the FIFO from toggling between
the two states from periodic resets. The one shot frame reset
mode is the default and the recommended mode.
Rev. A | Page 30 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com