Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 33Page - Analog Devices AD9142ABCPZ Datasheet HTML 34Page - Analog Devices AD9142ABCPZ Datasheet HTML 35Page - Analog Devices AD9142ABCPZ Datasheet HTML 36Page - Analog Devices AD9142ABCPZ Datasheet HTML 37Page - Analog Devices AD9142ABCPZ Datasheet HTML 38Page - Analog Devices AD9142ABCPZ Datasheet HTML 39Page - Analog Devices AD9142ABCPZ Datasheet HTML 40Page - Analog Devices AD9142ABCPZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
AD9142A
Data Sheet
Rev. A | Page 36 of 72
INVERSE SINC FILTER
The AD9142A provides a digital inverse sinc filter to
compensate for the DAC roll-off over frequency. The inverse sinc
(sinc−1) filter is a seven-tap FIR filter. Figure 49 shows the
frequency response of sin(x)/x roll-off, the inverse sinc filter,
and their composite response. The composite response has less
than ±0.05 dB pass-band ripple up to a frequency of 0.4 × fDAC.
To provide the necessary peaking at the upper end of the pass
band, the inverse sinc filter has an intrinsic insertion loss of about
3.8 dB. The loss of the digital gain can be offset by increasing the
quadrature gain adjustment setting on both the I and Q data paths
to minimize the impact on the output signal-to-noise ratio. How-
ever, care is needed to ensure that the additional digital gain does
not cause signal saturation, especially at high output frequencies.
The sinc−1 filter is disabled by default; it can be enabled by setting
the INVSINC_ENABLE bit to 1 in Register 0x27[7]).
Figure 49. Responses of sin(x)/x Roll Off (Blue), the Sinc−1 Filter (Red), and
Composite of Both (Black)
Table 21. Inverse Sinc Filter
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(7)
−1
H(2)
H(6)
+4
H(3)
H(5)
−16
H(4)
+192
INPUT SIGNAL POWER DETECTION AND
PROTECTION
The input signal power detection and protection function detects
the average power of the DAC input signal and prevents overrange
signals from being passed to the next stage. An overrange DAC
output signal can cause destructive breakdown on power sensitive
devices, such as power amplifiers. The power detection and
protection feature of the AD9142A detects overrange signals in
the DAC. When an overrange signal is detected, the protection
function either attenuates or mutes the signal to protect the
downstream devices from abnormal power surges in the signal.
Figure 50 shows the block diagram of the power detection and
protection function. The protection block is at the very last stage of
the data path and the detection block uses a separate path from
the data path. The design of the detection block guarantees that
the worst-case latency of power detecting is shorter than that of
the data path. This ensures that the protection circuit initiates
before the overrange signal reaches the analog DAC core.
The sum of I2 and Q2 is calculated as a representation of the
input signal power. Only the upper six MSBs, D[15:10], of data
samples are used in the calculation; consequently, samples whose
power is 36 dB below the full-scale peak power are not detected.
The calculated sample power numbers accumulate through a
moving average filter. Its output is the average of the input
signal power in a certain number of data clock cycles. The length
of the filter is configurable through the
SAMPLE_WINDOW_LENGTH (Register 0x2B[3:0]). To
determine whether the input average power is over range,
the device averages the power of the samples in the filter
and compares the average power with a user defined
threshold, THRESHOLD_LEVEL_REQUEST_LSB and
THRESHOLD_LEVEL_REQUEST_MSB (Register 0x29[7:0]
and Register 0x2A[4:0]). When the output of the averaging filter
is larger than the threshold, the DAC output is either attenuated or
muted.
The appropriate filter length and average power threshold for
effective protection are application dependent. It is recommended
that experiments be performed with real-world vectors to
determine the values of these parameters.
Figure 50. Block Diagram of Input Signal Power Detection and Protection Function
1
–5
–4
–3
–2
–1
0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.50
0.45
FREQUENCY (Hz)
AVERAGING
FILTER
SIGNAL
PROCESSING
ENGINE
POWER
PROTECTION
(ATTENUATE
OR MUTE)
DAC
CORE
FILTER LENGTH
SETTINGS
REG 0x2B[3:0]
USER DEFINED THRESHOLD
REG 0x29[7:0] AND
REG 0x2A[4:0]
AVG POWER
REG 0x2C[7:0] AND
REG 0x2D[4:0]
POWER DETECTION
FIFO
I2 + Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com