Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 28Page - Analog Devices AD9142ABCPZ Datasheet HTML 29Page - Analog Devices AD9142ABCPZ Datasheet HTML 30Page - Analog Devices AD9142ABCPZ Datasheet HTML 31Page - Analog Devices AD9142ABCPZ Datasheet HTML 32Page - Analog Devices AD9142ABCPZ Datasheet HTML 33Page - Analog Devices AD9142ABCPZ Datasheet HTML 34Page - Analog Devices AD9142ABCPZ Datasheet HTML 35Page - Analog Devices AD9142ABCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
Data Sheet
AD9142A
The recommended procedure for a frame initiated FIFO reset is
as follows:
1. Configure the DAC in the desired interpolation mode
(Register 0x28[1:0]).
2. Ensure that the DACCLK and DCI are running and stable at
the clock inputs.
3. Ensure that the DLL is locked (if using DLL mode) or the
DCI clock is being sent properly (if using bypass mode).
Program Register 0x23 to the customized value, if the
desired value is not 0x40.
4. Configure the FRAME_RESET_MODE bits (Register 0x22,
Bits [1:0]) to 00b.
5. Choose whether to use continuous or one shot mode by
writing 0 or 1 to EN_CON_FRAME_RESET (Register 0x22,
Bit 2).
6. Toggle the frame input from 0 to 1 and back to 0. The pulse
width needs to be longer than the minimum requirement.
a. If the frame input is a continuous clock, turn on the
signal.
7. Read back Register 0x24 multiple times to verify that the
actual FIFO level is set to the requested level and the
readback values are stable. By design, the readback is
within ±1 DACCLK around the requested level.
Monitoring the FIFO Status
The real-time FIFO status can be monitored from the SPI
Register 0x24 and reflects the real-time FIFO depth after a FIFO
reset. Without timing drifts in the system, this readback does
not change from that which resulted from the FIFO reset. When
there is a timing drift or other abnormal clocking situation, the
FIFO level readback can change. However, as long as the FIFO
does not overflow or underflow, there is no error in data trans-
mission. Three status bits in Register 0x06, Bits[2:0], indicate if
there are FIFO underflows, overflows, or similar situations. The
status of the three bits can be latched and used to trigger
hardware interrupts, IRQ1 and IRQ2. To enable latching and
interrupts, configure the corresponding bits in Register 0x03
and Register 0x04.
Rev. A | Page 31 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com