Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 60Page - Analog Devices AD9142ABCPZ Datasheet HTML 61Page - Analog Devices AD9142ABCPZ Datasheet HTML 62Page - Analog Devices AD9142ABCPZ Datasheet HTML 63Page - Analog Devices AD9142ABCPZ Datasheet HTML 64Page - Analog Devices AD9142ABCPZ Datasheet HTML 65Page - Analog Devices AD9142ABCPZ Datasheet HTML 66Page - Analog Devices AD9142ABCPZ Datasheet HTML 67Page - Analog Devices AD9142ABCPZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
Data Sheet
AD9142A
INPUT POWER READBACK MSB REGISTER
Address: 0x2D, Reset: 0x00, Name: INPUT_POWER_READBACK_MSB
Table 68. Bit Descriptions for INPUT_POWER_READBACK_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[4:0]
INPUT_POWER_READBACK_MSB
These bits, along with Bits[7:0] in Register 0x2C, set the
input signal average power readback.
0x00
R
NCO CONTROL REGISTER
Address: 0x30, Reset: 0x00, Name: NCO_CTRL
Table 69. Bit Descriptions for NCO_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
6
NCO_FRAME_UPDATE_ACK
Frequency tuning word update request from frame.
0x0
R
5
SPI_NCO_PHASE_RST_ACK
NCO phase SPI reset acknowledge.
0x0
R
4
SPI_NCO_PHASE_RST_REQ
NCO phase SPI reset request.
0x0
RW
1
NCO_SPI_UPDATE_ACK
Frequency tuning word update acknowledge.
0x0
R
0
NCO_SPI_UPDATE_REQ
Frequency tuning word update request from SPI.
0x0
RW
NCO FREQUENCY TUNING WORD 0 REGISTER
Address: 0x31, Reset: 0x00, Name: NCO_FREQ_TUNING_WORD0
Table 70. Bit Descriptions for NCO_FREQ_TUNING_WORD0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
NCO_FTW0
Bits[7:0] together with the bits in Register 0x32, Register 0x33, and
Register 0x34 form the 32-bit frequency tuning word that
determines the frequency of the complex carrier generated by the
on-chip NCO. The frequency is not updated when the FTW registers are
written. The values are only updated when a serial port update or frame
update is initialized in Register 0x30. It is in twos complement format.
0x00
RW
NCO FREQUENCY TUNING WORD 1 REGISTER
Address: 0x32, Reset: 0x00, Name: NCO_FREQ_TUNING_WORD1
Table 71. Bit Descriptions for NCO_FREQ_TUNING_WORD1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
NCO_FTW1
Bits[7:0] together with the bits in Register 0x31, Register 0x33, and
Register 0x34 form the 32-bit frequency tuning word that
determines the frequency of the complex carrier generated by the
on-chip NCO. The frequency is not updated when the FTW registers are
written. The values are only updated when a serial port update or frame
update is initialized in Register 0x30. It is in twos complement format.
0x00
RW
NCO FREQUENCY TUNING WORD 2 REGISTER
Address: 0x33, Reset: 0x00, Name: NCO_FREQ_TUNING_WORD2
Table 72. Bit Descriptions for NCO_FREQ_TUNING_WORD2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
NCO_FTW2
Bits[7:0] together with the bits in Register 0x31, Register 0x32, and
Register 0x34 form the 32-bit frequency tuning word that
determines the frequency of the complex carrier generated by the
on-chip NCO. The frequency is not updated when the FTW registers are
written. The values are only updated when a serial port update or frame
update is initialized in Register 0x30. It is in twos complement format.
0x00
RW
Rev. A | Page 63 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com