Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 32Page - Analog Devices AD9142ABCPZ Datasheet HTML 33Page - Analog Devices AD9142ABCPZ Datasheet HTML 34Page - Analog Devices AD9142ABCPZ Datasheet HTML 35Page - Analog Devices AD9142ABCPZ Datasheet HTML 36Page - Analog Devices AD9142ABCPZ Datasheet HTML 37Page - Analog Devices AD9142ABCPZ Datasheet HTML 38Page - Analog Devices AD9142ABCPZ Datasheet HTML 39Page - Analog Devices AD9142ABCPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
Data Sheet
AD9142A
SPI Initiated Update
In the SPI initiated update method, the user simply toggles
Register 0x30[0] (NCO_SPI_UPDATE_REQ) after configuring
the NCO settings. The NCO is updated on the rising edge (from
0 to 1) in this bit. Register 0x30[1] (NCO_SPI_UPDATE_ACK)
goes high when the NCO is updated. A falling edge (from 1 to
0) in Register 0x30[0] clears Bit 1 of Register 0x30 and prepares
the NCO for the next update operation. This update method is
recommended when there is no requirement to align the DAC
output from multiple devices because SPI writes to multiple
devices are asynchronous.
Frame Initiated Update
When the DAC output from multiple devices must be well aligned
with NCO turned on, the frame initiated update is recommended.
In this method, the NCOs from multiple devices are updated at
the same time upon the rising edge of the frame signal. To use this
update method, the FRAME_RESET_MODE (Register 0x22[1:0])
must be set in NCO only or FIFO and NCO, depending on
whether a FIFO reset is needed at the same time. The second
step is to ensure that the reset mode is in one shot mode
(EN_CON_FRAME_RESET, Register 0x22[2] = 0). When this
is completed, the NCO waits for a valid frame pulse and updates
the FTW accordingly. The user can verify if the frame pulse is
correctly received by reading Register 0x30[6] (NCO_FRAME_
UPDATE_ACK) wherein a 1 indicates a complete update
operation. See the FIFO Operation section for information to
generate a valid frame pulse.
DATAPATH CONFIGURATION
Configuring the AD9142A datapath starts with the following
four parameters:
The application requirements of the input data rate
The interpolation ratio
The output signal center frequency
The output signal bandwidth
Given these four parameters, the first step to configure the datapath
is to verify that the device supports the desired input data rate,
the DAC sampling rate, and the bandwidth requirements. After this
verification, the modes of the interpolation filters can be chosen. If
the output signal center frequency is different from the baseband
input center frequency, additional frequency offset requirements
are determined and applied with on-chip digital modulation.
DIGITAL QUADRATURE GAIN AND PHASE
ADJUSTMENT
The digital quadrature gain and phase adjustment function enables
compensation of the gain and phase imbalance of the I and Q
paths caused by analog mismatches between DAC I/Q outputs,
quadrature modulator I/Q baseband inputs, and DAC/modulator
interface I/Q paths. The undesired imbalances cause unwanted
sideband signal to appear at the quadrature modulator output
with significant energy. Tuning the quadrature gain and phase
adjust values optimizes image rejection in single sideband radios.
Quadrature Gain Adjustment
Ordinarily, the I and Q channels have the same gain or signal
magnitude. The quadrature gain adjustment is used to balance the
gain between the I and Q channels. The digital gain of the I and Q
channels can be adjusted independently through two 6-bit registers,
IDAC_GAIN_ADJ (Register 0x3F[5:0]) and QDAC_GAIN_ADJ
(Register 0x40[5:0]). The range of the adjustment is [0, 2] or [−∞,
6 dB] with a step size of 2−5 (−30 dB). The default setting is 0x20,
corresponding to a gain equal to 1 or 0 dB.
Quadrature Phase Adjustment
Under normal circumstances, I and Q channels have an angle of
precisely 90° between them. The quadrature phase adjustment is
used to change the angle between the I and Q channels.
IQ_PHASE_ADJ_MSB and IQ_PHASE_ADJ_LSB (Register 0x37,
Bits [7:0] and Register 0x38, Bits [4:0]) provide an adjustment
range of ±14° with a resolution of 0.0035°. If the original angle is
precisely 90°, setting IQ_PHASE_ADJ_MSB and
IQ_PHASE_ADJ_LSB to 0x0FFF adds approximately 14°
between I and QDAC outputs, creating an angle of 104° between
the channels. Likewise, if the original angle is precisely 90°,
setting IQ_PHASE_ADJ_MSB and IQ_PHASE_ADJ_LSB to
0x1000 adds approximately −14° between the I and QDAC
outputs, creating an angle of 76° between the channels.
DC OFFSET ADJUSTMENT
The dc value of the I datapath and the Q datapath can be
controlled independently by adjusting the values in the two
IDAC dc offset 16-bit registers, IDAC_DC_OFFSET_LSB,
IDAC_DC_OFFSET_MSB, QDAC_DC_OFFSET_LSB,
and QDAC_DC_OFFSET_MSB (Register 0x3B through
Register 0x3E). These values are added directly to the datapath
values. Take care not to overrange the transmitted values.
As shown in Figure 48, the DAC offset current varies as a function
of the I/QDAC dc offset values. Figure 48 shows the nominal
current of the positive node of the DAC output, IOUTP, when the
digital inputs are fixed at midscale (0x0000, twos complement data
format) and the DAC offset value is swept from 0x0000 to
0xFFFF. Because IOUTP and IOUTN are complementary current
outputs, the sum of IOUTP and IOUTN is always 20 mA.
Figure 48. DAC Output Currents vs. DAC Offset Value
0x0000
0x4000
0x8000
0xC000
0xFFFF
5
10
15
20
5
10
15
20
0
0
DAC OFFSET VALUE
Rev. A | Page 35 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com