Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 6Page - Analog Devices AD9142ABCPZ Datasheet HTML 7Page - Analog Devices AD9142ABCPZ Datasheet HTML 8Page - Analog Devices AD9142ABCPZ Datasheet HTML 9Page - Analog Devices AD9142ABCPZ Datasheet HTML 10Page - Analog Devices AD9142ABCPZ Datasheet HTML 11Page - Analog Devices AD9142ABCPZ Datasheet HTML 12Page - Analog Devices AD9142ABCPZ Datasheet HTML 13Page - Analog Devices AD9142ABCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
Data Sheet
AD9142A
DAC LATENCY SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, FIFO level is set to 4 (half of the FIFO depth), unless
otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
WORD INTERFACE MODE
Fine/coarse modulation, inverse sinc, gain/phase compensation off
2× Interpolation
134
DACCLK cycles
4× Interpolation
244
DACCLK cycles
8× Interpolation
481
DACCLK cycles
BYTE INTERFACE MODE
Fine/coarse modulation, inverse sinc, gain/phase compensation off
2× Interpolation
145
DACCLK cycles
4× Interpolation
271
DACCLK cycles
8× Interpolation
506
DACCLK cycles
INDIVIDUAL FUNCTION BLOCKS
Modulation
Fine
17
DACCLK cycles
Coarse
10
DACCLK cycles
Inverse Sinc
20
DACCLK cycles
Phase Compensation
12
DACCLK cycles
Gain Compensation
16
DACCLK cycles
LATENCY VARIATION SPECIFICATIONS
Table 4.
Parameter
Min
Typ
Max
Unit
DAC LATENCY VARIATION1
SYNC Off
1
2
DACCLK cycles
SYNC On
0
1
DACCLK cycles
1
DAC latency is defined as the elapsed time from a data sample clocked at the input to the AD9142A until the analog output begins to change.
Rev. A | Page 9 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com