Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 66 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 62Page - Analog Devices AD9142ABCPZ Datasheet HTML 63Page - Analog Devices AD9142ABCPZ Datasheet HTML 64Page - Analog Devices AD9142ABCPZ Datasheet HTML 65Page - Analog Devices AD9142ABCPZ Datasheet HTML 66Page - Analog Devices AD9142ABCPZ Datasheet HTML 67Page - Analog Devices AD9142ABCPZ Datasheet HTML 68Page - Analog Devices AD9142ABCPZ Datasheet HTML 69Page - Analog Devices AD9142ABCPZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
Data Sheet
AD9142A
POWER DOWN DATA INPUT 0 REGISTER
Address: 0x39, Reset: 0x00, Name: LVDS_IN_PWR_DOWN_0
Table 78. Bit Descriptions for LVDS_IN_PWR_DOWN_0
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
PWR_DOWN_DATA_INPUT_BITS
Powers down data input D[3:0]. Each bit controls one data input
bit. These bits can be powered down individually.
0x0
RW
IDAC DC OFFSET 0 REGISTER
Address: 0x3B, Reset: 0x00, Name: IDAC_DC_OFFSET0
Table 79. Bit Descriptions for IDAC_DC_OFFSET0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
IDAC_DC_OFFSET_LSB
DAC dc offset, Bits[7:0] along with Bits[7:0] in Register 0x3C, is a dc
value that is added directly to the sample values written to the DAC.
0x00
RW
IDAC DC OFFSET 1 REGISTER
Address: 0x3C, Reset: 0x00, Name: IDAC_DC_OFFSET1
Table 80. Bit Descriptions for IDAC_DC_OFFSET1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
IDAC_DC_OFFSET_MSB
DAC dc offset, Bits[7:0] along with Bits[7:0] in Register 0x3B, is a dc
value that is added directly to the sample values written to the DAC.
0x00
RW
QDAC DC OFFSET 0 REGISTER
Address: 0x3D, Reset: 0x00, Name: QDAC_DC_OFFSET0
Table 81. Bit Descriptions for QDAC_DC_OFFSET0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
QDAC_DC_OFFSET_LSB
QDAC dc offset, Bits[7:0] along with Bits[7:0] in Register 0x3E, is a dc
value that is added directly to the sample values written to the QDAC.
0x00
RW
QDAC DC OFFSET 1 REGISTER
Address: 0x3E, Reset: 0x00, Name: QDAC_DC_OFFSET1
Table 82. Bit Descriptions for QDAC_DC_OFFSET1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
QDAC_DC_OFFSET_MSB
QDAC dc offset, Bits[7:0] along with Bits[7:0] in Register 0x3D, is a dc
value that is added directly to the sample values written to the QDAC.
0x00
RW
IDAC GAIN ADJUST REGISTER
Address: 0x3F, Reset: 0x20, Name: IDAC_GAIN_ADJ
Table 83. Bit Descriptions for IDAC_GAIN_ADJ
Bits
Bit Name
Settings
Description
Reset
Access
[5:0]
IDAC_GAIN_ADJ
This register is the 6-bit digital gain adjust on the I channel.The bit weighting is MSB
= 20, LSB = 2−5, which yields a multiplier range of 0 to 2 or −∞ to 6 dB.The default
gain setting is 0x20, which maps to unity gain (0 dB).
0x20
RW
Rev. A | Page 65 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com