Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 58Page - Analog Devices AD9142ABCPZ Datasheet HTML 59Page - Analog Devices AD9142ABCPZ Datasheet HTML 60Page - Analog Devices AD9142ABCPZ Datasheet HTML 61Page - Analog Devices AD9142ABCPZ Datasheet HTML 62Page - Analog Devices AD9142ABCPZ Datasheet HTML 63Page - Analog Devices AD9142ABCPZ Datasheet HTML 64Page - Analog Devices AD9142ABCPZ Datasheet HTML 65Page - Analog Devices AD9142ABCPZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
Data Sheet
AD9142A
FIFO LEVEL READBACK REGISTER
Address: 0x24, Reset: 0x00, Name: FIFO_LEVEL_READBACK
Table 59. Bit Descriptions for FIFO_LEVEL_READBACK
Bits
Bit Name
Settings
Description
Reset
Access
[6:4]
INTEGER_FIFO_LEVEL_READBACK
The integer FIFO level read back. The difference between the
overall FIFO level request and readback should be within
two DACCLK cycles. See the FIFO Operation section for details.
0x0
R
[2:0]
FRACTIONAL_FIFO_LEVEL_READBACK
The fractional FIFO level read back. This value should be
used in combination with the readback in Bits[6:4].
0x0
R
FIFO CONTROL REGISTER
Address: 0x25, Reset: 0x00, Name: FIFO_CTRL
Table 60. Bit Descriptions for FIFO_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
1
FIFO_SPI_RESET_ACK
Acknowledge a serial port initialized FIFO reset.
0x0
R
0
FIFO_SPI_RESET_REQUEST
Initialize a FIFO reset via the serial port.
0x0
RW
DATA FORMAT SELECT REGISTER
Address: 0x26, Reset: 0x00, Name: DATA_FORMAT_SEL
Table 61. Bit Descriptions for DATA_FORMAT_SEL
Bits
Bit Name
Settings
Description
Reset
Access
7
DATA_FORMAT
Select binary or twos complement data format.
0x0
RW
0
Input data in twos complement format.
1
Input data in binary format.
6
DATA_PAIRING
Indicate I/Q data pairing on data input.
0x0
RW
0
I samples are paired with the next Q samples.
1
I samples are paired with the prior Q samples.
5
DATA_BUS_INVERT
Swap the bit order of the data input port. MSBs become the LSBs:
D[15:0] changes to D[0:15].
0x0
RW
0
The order of the data bits corresponds to the pin descriptions in Table 9.
1
The order of the data bits is inverted.
0
DATA_BUS_WIDTH
Data interface mode. See the LVDS Input Data Ports section for
information about the operation of the different interface modes.
0x0
RW
0
Word interface mode; 16-bit interface bus width.
1
Byte interface mode; 8-bit interface bus width.
DATAPATH CONTROL REGISTER
Address: 0x27, Reset: 0x00, Name: DATAPATH_CTRL
Table 62. Bit Descriptions for DATAPATH_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
INVSINC_ENABLE
Enable the inverse sinc filter.
0x0
RW
6
NCO_ENABLE
Enable the NCO.
0x0
RW
5
IQ_GAIN_ADJ_DCOFFSET_ENABLE
Enable digital IQ gain adjustment and dc offset.
0x0
RW
4
IQ_PHASE_ADJ_ENABLE
Enable digital IQ phase adjustment.
0x0
RW
2
FS4_MODULATION_ENABLE
Enable fS/4 modulation function.
0x0
RW
1
NCO_SIDEBAND_SEL
Selects the single-side NCO modulation image.
0x0
RW
0
The NCO outputs the high-side image.
1
The NCO outputs the low-side image.
0
SEND_IDATA_TO_QDAC
Send the IDATA to the QDAC. When enabled, I data is sent
to both the IDAC and the QDAC. The Q data path still runs,
and the Q data is ignored.
0x0
RW
Rev. A | Page 61 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com