Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 49Page - Analog Devices AD9142ABCPZ Datasheet HTML 50Page - Analog Devices AD9142ABCPZ Datasheet HTML 51Page - Analog Devices AD9142ABCPZ Datasheet HTML 52Page - Analog Devices AD9142ABCPZ Datasheet HTML 53Page - Analog Devices AD9142ABCPZ Datasheet HTML 54Page - Analog Devices AD9142ABCPZ Datasheet HTML 55Page - Analog Devices AD9142ABCPZ Datasheet HTML 56Page - Analog Devices AD9142ABCPZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
AD9142A
Data Sheet
REGISTER DESCRIPTIONS
Defined reserved bits are those whose reset values are not 0x00. Access indicates the read and/or write nature of the register.
SPI CONFIGURE REGISTER
Address: 0x00, Reset: 0x00, Name: Common
Table 26. Bit Descriptions for Common
Bits
Bit Name
Settings
Description
Reset
Access
6
SPI_LSB_FIRST
Serial port communication, MSB-first or LSB-first selection.
0
RW
0
MSB first.
1
LSB first.
5
DEVICE_RESET
The device resets when 1 is written to this bit. DEVICE_RESET is a self clear bit.
After the reset, the bit returns to 0 automatically. The readback is always 0.
0
RW
POWER-DOWN CONTROL REGISTER
Address: 0x01, Reset: 0xC0, Name: PD_CONTROL
Table 27. Bit Descriptions for PD_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
7
PD_IDAC
The IDAC is powered down when PD_IDAC is set to 1. This bit powers down
only the analog portion of the IDAC. The IDAC digital data path is not affected.
1
RW
6
PD_QDAC
The QDAC is powered down when PD_QDAC is set to 1. This bit powers down
only the analog portion of the QDAC. The QDAC digital datapath is not affected.
1
RW
5
PD_DATARCV
The data interface circuitry is powered down when PD_DATARCV is set to 1.
This bit powers down the data interface and the write side of the FIFO.
0
RW
2
PD_DEVICE
The band gap circuitry is powered down when set to 1. This bit powers down
the entire chip.
0
RW
1
PD_DACCLK
The DAC clock powers down when PD_DEVICE is set to 1. This bit powers down the
DAC clocking path and, thus, the majority of the digital functions.
0
RW
0
PD_FRAME
The frame receiver powers down when PD_FRAME is set to 1. The frame signal
is internally pulled low. Set to 1 when the frame is not used.
0
RW
INTERRUPT ENABLE0 REGISTER
Address: 0x03, Reset: 0x00, Name: INTERRUPT_ENABLE0
Table 28. Bit Descriptions for INTERRUPT_ENABLE0
Bits
Bit Name
Settings
Description
Reset
Access
6
ENABLE_SYNC_LOST
Enable interrupt for sync lost.
0
RW
5
ENABLE_SYNC_LOCKED
Enable interrupt for sync lock.
0
RW
4
ENABLE_SYNC_DONE
Enable interrupt for sync done.
0
RW
3
ENABLE_PLL_LOST
Enable interrupt for PLL lost.
0
RW
2
ENABLE_PLL_LOCKED
Enable interrupt for PLL locked.
0
RW
1
ENABLE_OVER_THRESHOLD
Enable interrupt for overthreshold.
0
RW
0
ENABLE_DACOUT_MUTED
Enable interrupt for DACOUT muted.
0
RW
Rev. A | Page 52 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com