Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 41Page - Analog Devices AD9142ABCPZ Datasheet HTML 42Page - Analog Devices AD9142ABCPZ Datasheet HTML 43Page - Analog Devices AD9142ABCPZ Datasheet HTML 44Page - Analog Devices AD9142ABCPZ Datasheet HTML 45Page - Analog Devices AD9142ABCPZ Datasheet HTML 46Page - Analog Devices AD9142ABCPZ Datasheet HTML 47Page - Analog Devices AD9142ABCPZ Datasheet HTML 48Page - Analog Devices AD9142ABCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
AD9142A
Data Sheet
Rev. A | Page 44 of 72
ANALOG OUTPUTS
TRANSMIT DAC OPERATION
Figure 56 shows a simplified block diagram of the transmit path
DACs. The DAC core consists of a current source array, a switch
core, digital control logic, and full-scale output current control.
The DAC full-scale output current (IOUTFS) is nominally 20 mA.
The output currents from the IOUT1P/IOUT2P and IOUT1N/
IOUT2N pins are complementary, meaning that the sum of the
two currents always equals the full-scale current of the DAC.
The digital input code to the DAC determines the effective
differential current delivered to the load.
Figure 56. Simplified Block Diagram of DAC Core
The DAC has a 1.2 V band gap reference with an output imped-
ance of 5 kΩ. The reference output voltage appears on the VREF
pin. When using the internal reference, decouple the VREF pin
to AVSS with a 0.1 μF capacitor. Use the internal reference only
for external circuits that draw dc currents of 2 μA or less. For
dynamic loads or static loads greater than 2 μA, buffer the VREF
pin. If desired, the internal reference can be overdriven by
applying an external reference (from 1.10 V to 1.30 V) to the
VREF pin.
A 10 kΩ external resistor, RSET, must be connected from the
FSADJ pin to AVSS. This resistor, together with the reference
control amplifier, sets up the correct internal bias currents for
the DAC. Because the full-scale current is inversely proportional to
this resistor, the tolerance of RSET is reflected in the full-scale
output amplitude.
The full-scale current equation, where the DAC gain is
individually set for the Q and I DACs in Register 0x40 and
Register 0x44, respectively, is as follows:
DAC gain
R
V
I
SET
REF
FS
16
3
72
For nominal values of VREF (1.2 V), RSET (10 kΩ), and DAC gain
(512), the full-scale current of the DAC is typically 20 mA. The
DAC full-scale current can be adjusted from 8.64 mA to 31.68 mA
by setting the DAC gain parameter, as shown in Figure 57.
Figure 57. DAC Full-Scale Current vs. DAC Gain Code
Transmit DAC Transfer Function
The output currents from the IOUT1P/IOUT2P and IOUT1N/
IOUT2N pins are complementary, meaning that the sum of the
two currents always equals the full-scale current of the DAC. The
digital input code to the DAC determines the effective differen-
tial current delivered to the load. IOUT1P/IOUT2P provide
maximum output current when all bits are high. The output
currents vs. DACCODE for the DAC outputs is expressed as
OUTFS
N
OUTP
I
DACCODE
I


2
(1)
IOUTN = IOUTFS – IOUTP
(2)
where DACCODE = 0 to 2N − 1.
Transmit DAC Output Configurations
The optimum noise and distortion performance of the
AD9142A is realized when it is configured for differential
operation. The common-mode rejection of a transformer or
differential amplifier significantly reduces the common-mode error
sources of the DAC outputs. These common-mode error sources
include even-order distortion products and noise. The
enhancement in distortion performance becomes more significant
as the frequency content of the reconstructed waveform
increases and/or its amplitude increases. This is due to the first-
order cancellation of various dynamic common-mode
distortion mechanisms, digital feedthrough, and noise.
I DAC
IOUT1P
IOUT1N
Q DAC
IOUT2N
IOUT2P
CURRENT
SCALING
I DAC FS ADJUST
REG 0x18, REG 0x19
Q DAC FS ADJUST
REG 0x1A, REG 0x1B
0.1µF
10kΩ
RSET
FSADJ
VREF
5kΩ
1.2V
35
0
01000
DAC GAIN CODE
30
25
20
15
10
5
200
400
600
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com