Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 50Page - Analog Devices AD9142ABCPZ Datasheet HTML 51Page - Analog Devices AD9142ABCPZ Datasheet HTML 52Page - Analog Devices AD9142ABCPZ Datasheet HTML 53Page - Analog Devices AD9142ABCPZ Datasheet HTML 54Page - Analog Devices AD9142ABCPZ Datasheet HTML 55Page - Analog Devices AD9142ABCPZ Datasheet HTML 56Page - Analog Devices AD9142ABCPZ Datasheet HTML 57Page - Analog Devices AD9142ABCPZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
Data Sheet
AD9142A
INTERRUPT ENABLE1 REGISTER
Address: 0x04, Reset: 0x00, Name: INTERRUPT_ENABLE1
Table 29. Bit Descriptions for INTERRUPT_ENABLE1
Bits
Bit Name
Settings
Description
Reset
Access
7
ENABLE_PARITY_FAIL
Enable interrupt for parity failure.
0
RW
6
ENABLE_SED_FAIL
Enable interrupt for SED failure.
0
RW
5
ENABLE_DLL_WARNING
Enable interrupt for DLL warning.
0
RW
4
ENABLE_DLL_LOCKED
Enable interrupt for DLL locked.
0
RW
2
ENABLE_FIFO_UNDERFLOW
Enable interrupt for FIFO underflow.
0
RW
1
ENABLE_FIFO_OVERFLOW
Enable interrupt for FIFO overflow.
0
RW
0
ENABLE_FIFO_WARNING
Enable interrupt for FIFO warning.
0
RW
INTERRUPT FLAG0 REGISTER
Address: 0x05, Reset: 0x00, Name: INTERRUPT_FLAG0
Table 30. Bit Descriptions for INTERRUPT_FLAG0
Bits
Bit Name
Settings
Description
Reset
Access
6
SYNC_LOST
SYNC_LOST is set to 1 when sync is lost.
0
R
5
SYNC_LOCKED
SYNC_LOCKED is set to 1 when sync is locked.
0
R
4
SYNC_DONE
SYNC_DONE is set to 1 when sync is done.
0
R
3
PLL_LOST
PLL_LOST is set to 1 when PLL loses lock.
0
R
2
PLL_LOCKED
PLL_LOCKED is set to 1 when PLL is locked.
0
R
1
OVER_THRESHOLD
OVER_THRESHOLD is set to 1 when input power is overthreshold.
0
R
0
DACOUT_MUTED
DACOUT_MUTED is set to 1 when the DAC output is muted (midscale dc).
0
R
INTERRUPT FLAG1 REGISTER
Address: 0x06, Reset: 0x00, Name: INTERRUPT_FLAG1
Table 31. Bit Descriptions for INTERRUPT_FLAG1
Bits
Bit Name
Settings
Description
Reset
Access
7
PARITY_FAIL
PARITY_FAIL is set to 1 when the parity check fails.
0
R
6
SED_FAIL
SED_FAIL is set to 1 when the SED comparison fails.
0
R
5
DLL_WARNING
DLL_WARNING is set to 1 when the DLL raises a warning.
0
R
4
DLL_LOCKED
DLL_LOCKED is set to 1 when the DLL is locked.
0
R
2
FIFO_UNDERFLOW
FIFO_UNDERFLOW is set to 1 when the FIFO read pointer
catches the FIFO write pointer.
0
R
1
FIFO_OVERFLOW
FIFO_OVERFLOW is set to 1 when the when the FIFO
read pointer catches the FIFO read pointer.
0
R
0
FIFO_WARNING
FIFO_WARNING is set to 1 when the FIFO is one slot from
empty (≤1) or full (≥6).
0
R
Rev. A | Page 53 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com