Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 54Page - Analog Devices AD9142ABCPZ Datasheet HTML 55Page - Analog Devices AD9142ABCPZ Datasheet HTML 56Page - Analog Devices AD9142ABCPZ Datasheet HTML 57Page - Analog Devices AD9142ABCPZ Datasheet HTML 58Page - Analog Devices AD9142ABCPZ Datasheet HTML 59Page - Analog Devices AD9142ABCPZ Datasheet HTML 60Page - Analog Devices AD9142ABCPZ Datasheet HTML 61Page - Analog Devices AD9142ABCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
Data Sheet
AD9142A
PLL CONTROL 2 REGISTER
Address: 0x14, Reset: 0xE7, Name: PLL_CTRL2
Table 43. Bit Descriptions for PLL_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
PLL_LOOP_BW
Selects the PLL filter bandwidth. The default and recommended setting
is 111 for optimal PLL performance.
0x7
RW
0x00
Lowest setting.
0x1F
Highest setting.
[4:0]
PLL_CP_CURRENT
Sets nominal PLL charge pump current. The default and recommended
setting is 00111 for optimal PLL performance.
0x07
RW
0x00
Lowest setting.
0x1F
Highest setting.
PLL CONTROL 3 REGISTER
Address: 0x15, Reset: 0xC9, Name: PLL_CTRL3
Table 44. Bit Descriptions for PLL_CTRL3
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
DIGLOGIC_DIVIDER
REFCLK to PLL digital clock divide ratio. The PLL digital clock drives the
internal PLL logics. The divide ratio must be set to ensure that the PLL
digital clock is less than 75 MHz.
0x3
RW
00
fREFCLK/fDIG = 2.
01
fREFCLK/fDIG = 4.
10
fREFCLK/fDIG = 8.
11
fREFCLK/fDIG = 16.
4
CROSSPOINT_CTRL_EN
Enable loop divider crosspoint control. The default and recommended
setting is set to 0 for optimal PLL performance.
0
RW
[3:2]
VCO_DIVIDER
PLL VCO divider. This divider determines the ratio of the VCO frequency
to the DACCLK frequency.
0x2
RW
00
fVCO/fDACCLK = 1.
01
fVCO/fDACCLK = 2.
10
fVCO/fDACCLK = 4.
11
fVCO/fDACCLK = 4.
[1:0]
LOOP_DIVIDER
PLL divider. This divider determines the ratio of the DACCLK frequency
to the REFCLK frequency.
0x1
RW
00
fDACCLK/fREFCLK = 2.
01
fDACCLK/fREFCLK = 4.
10
fDACCLK/fREFCLK = 8.
11
fDACCLK/fREFCLK = 16.
PLL STATUS 0 REGISTER
Address: 0x16, Reset: 0x00, Name: PLL_STATUS0
Table 45. Bit Descriptions for PLL_STATUS0
Bits
Bit Name
Settings
Description
Reset
Access
7
PLL_LOCK
PLL clock multiplier output is stable.
0
R
[3:0]
VCO_CTRL_VOLTAGE_READBACK
VCO control voltage readback. A binary value.
0x0
R
1111
The highest VCO control voltage.
0111
The midvalue when a proper VCO band is selected. When
the PLL is locked, selecting a higher VCO band decreases this
value and selecting a lower VCO band increases this value.
0000
The lowest VCO control voltage.
Rev. A | Page 57 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com