Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9142ABCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9142ABCPZ
Description  Multiple chip synchronization
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142ABCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9142ABCPZ Datasheet HTML 7Page - Analog Devices AD9142ABCPZ Datasheet HTML 8Page - Analog Devices AD9142ABCPZ Datasheet HTML 9Page - Analog Devices AD9142ABCPZ Datasheet HTML 10Page - Analog Devices AD9142ABCPZ Datasheet HTML 11Page - Analog Devices AD9142ABCPZ Datasheet HTML 12Page - Analog Devices AD9142ABCPZ Datasheet HTML 13Page - Analog Devices AD9142ABCPZ Datasheet HTML 14Page - Analog Devices AD9142ABCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
AD9142A
Data Sheet
AC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
−14 dBFS single tone
fDAC = 737.28 MSPS
fOUT = 200 MHz
BW = 125 MHz
85
dBc
BW = 270 MHz
80
dBc
fDAC = 983.04 MSPS
fOUT = 200 MHz
BW = 360 MHz
85
dBc
fDAC = 1228.8 MSPS
fOUT = 280 MHz
BW = 200 MHz
85
dBc
BW = 500 MHz
75
dBc
fDAC = 1474.56 MSPS
BW = 737 MHz
fOUT = 10 MHz
85
dBc
BW = 400 MHz
fOUT = 280 MHz
80
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
−12 dBFS each tone
fDAC = 737.28 MSPS
fOUT = 200 MHz
80
dBc
fDAC = 983.04 MSPS
fOUT = 200 MHz
82
dBc
fDAC = 1228.8 MSPS
fOUT = 280 MHz
80
dBc
fDAC = 1474.56 MSPS
fOUT = 10 MHz
85
dBc
fOUT = 280 MHz
79
dBc
NOISE SPECTRAL DENSITY (NSD)
Eight-tone, 500 kHz tone spacing
fDAC = 737.28 MSPS
fOUT = 200 MHz
−160
dBm/Hz
fDAC = 983.04 MSPS
fOUT = 200 MHz
−161.5
dBm/Hz
fDAC = 1228.8 MSPS
fOUT = 280 MHz
−164.5
dBm/Hz
fDAC = 1474.56 MSPS
fOUT = 10 MHz
−166
dBm/Hz
fOUT = 280 MHz
−162.5
dBm/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE RATIO (ACLR)
Single carrier
fDAC = 983.04 MSPS
fOUT = 200 MHz
81
dBc
fDAC = 1228.8 MSPS
fOUT = 20 MHz
83
dBc
fOUT = 280 MHz
80
dBc
fDAC = 1474.56 MSPS
fOUT = 20 MHz
81
dBc
fOUT = 280 MHz
80
dBc
W-CDMA SECOND (ACLR)
Single carrier
fDAC = 983.04 MSPS
fOUT = 200 MHz
85
dBc
fDAC = 1228.8 MSPS
fOUT = 20 MHz
86
dBc
fOUT = 280 MHz
86
dBc
fDAC = 1474.56 MSPS
fOUT = 20 MHz
86
dBc
fOUT = 280 MHz
85
dBc
OPERATING SPEED SPECIFICATIONS
Table 6.
Interpolation
Factor
DVDD18, CVDD18 = 1.8 V ± 5%
DVDD18, CVDD18 = 1.9 V ± 5%
or 1.8 V ± 2%
DVDD18, CVDD18 = 1.9 V ± 2%
fDCI (MSPS)
Maximum
fDAC (MSPS)
Maximum
fDCI (MSPS)
Maximum
fDAC (MSPS)
Maximum
fDCI (MSPS)
Maximum
fDAC (MSPS)
Maximum
575
1150
575
1150
575
1150
350
1400
375
1500
400
1600
175
1400
187.5
1500
200
1600
Rev. A | Page 10 of 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com